Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC151N20NM6 Datasheet (PDF) - Infineon Technologies AG

ISC151N20NM6 Datasheet PDF - Infineon Technologies AG
Part # ISC151N20NM6
Download  ISC151N20NM6 Download
File Size   1329.28 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 200 V

ISC151N20NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC151N20NM6 Datasheet PDF - Infineon Technologies AG

Part # ISC151N20NM6
Download  ISC151N20NM6 Click to download

File Size   1329.28 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 200 V

ISC151N20NM6 Datasheet (HTML) - Infineon Technologies AG


ISC151N20NM6 Product details

Features
• N-channel, normal level
• Very low on-resistance RDS(on)
• Excellent gate charge x RDS(on) product (FOM)
• Very low reverse recovery charge (Qrr)
• 175°C operating temperature
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• MSL 1 classified according to J-STD-020
• 100% avalanche tested




Similar Part No. - ISC151N20NM6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISC152 ISC-ISC152 Datasheet
302Kb / 2P
isc Silicon NPN Power Transistor
logo
GREATECS
ISC15ANP4 GREATECS-ISC15ANP4 Datasheet
2Mb / 7P
Programmable OLED Video Switch and Display
logo
List of Unclassifed Man...
ISC15ANP4 ETC2-ISC15ANP4 Datasheet
808Kb / 5P
Organic LED technology; now with 30,000 hours life and 30% less power consumption
More results


Similar Description - ISC151N20NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE013N04LM6CGSC INFINEON-IQE013N04LM6CGSC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.0, 2022-04-27
IQE013N04LM6SC INFINEON-IQE013N04LM6SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.0, 2022-04-27
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC007N04LS6SC INFINEON-BSC007N04LS6SC Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2022-10-06
IPA320N20NM3S INFINEON-IPA320N20NM3S Datasheet
1Mb / 10P
OptiMOSTM 3 Power-Transistor, 200 V
Rev. 2.1, 2019-09-02
IPTG111N20NM3FD INFINEON-IPTG111N20NM3FD Datasheet
1Mb / 11P
OptiMOSTM 3 Power-Transistor, 200 V
Rev. 2.0, 2021-02-11
IPF019N12NM6 INFINEON-IPF019N12NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-02-03
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
IQDH45N04LM6CG INFINEON-IQDH45N04LM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com