Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1242292 Datasheet (PDF) - PHOENIX CONTACT

1242292 Datasheet PDF - PHOENIX CONTACT
Part # 1242292
Download  1242292 Download
File Size   536.1 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-5ES1N8AYW00X - Device connector, front mounting with knurled nut

1242292 Datasheet (PDF)

Go To PDF Page Download Datasheet
1242292 Datasheet PDF - PHOENIX CONTACT

Part # 1242292
Download  1242292 Click to download

File Size   536.1 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-5ES1N8AYW00X - Device connector, front mounting with knurled nut

1242292 Datasheet (HTML) - PHOENIX CONTACT


1242292 Product details

Device connector, front mounting with knurled nut, angled fixed, Screw locking mechanism, M23,
number of positions: 5+PE, contact connection type: Socket, Axial O-ring, 4x Ø 3.2, shielded:
yes, flange dimensions: 26 mm x 26 mm, degree of protection: IP67, number of positions: 6,
connection method: Crimp connection, series: SF, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb < 0.1 %)




Similar Part No. - 1242292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1242293 PHOENIX-1242293 Datasheet
179Kb / 4P
SF-10KP0,50-1,50 - Crimp contact
1242295 PHOENIX-1242295 Datasheet
568Kb / 14P
SF-7ES1N8AYW00X - Device connector front mounting with knurled nut
More results


Similar Description - 1242292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605586 PHOENIX-1605586 Datasheet
667Kb / 17P
SF-7EP1N8AAD00 - Device connector front mounting
1605512 PHOENIX-1605512 Datasheet
619Kb / 15P
SF-5EP1N8AAD00 - Device connector front mounting
1605520 PHOENIX-1605520 Datasheet
644Kb / 17P
SF-5EP1N8AWA00 - Device connector front mounting
1605622 PHOENIX-1605622 Datasheet
692Kb / 17P
SF-7ES1N8AY000 - Device connector, front mounting with knurled nut
1605865 PHOENIX-1605865 Datasheet
624Kb / 14P
SM-7ES1N8AY000 - Device connector, front mounting with knurled nut
1607082 PHOENIX-1607082 Datasheet
623Kb / 15P
SF-5ES1N8AY000 - Device connector, front mounting with knurled nut
1607532 PHOENIX-1607532 Datasheet
610Kb / 14P
SM-5ES1N8AYW00 - Device connector, front mounting with knurled nut
1613525 PHOENIX-1613525 Datasheet
615Kb / 15P
SM-5ES1N8AYW00S - Device connector, front mounting with knurled nut
1605823 PHOENIX-1605823 Datasheet
624Kb / 15P
SM-5ES1N8AY000 - Device connector, front mounting with knurled nut
1613524 PHOENIX-1613524 Datasheet
618Kb / 15P
SM-5ES1N8AY000S - Device connector, front mounting with knurled nut
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com