Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1628970 Datasheet (PDF) - PHOENIX CONTACT

1628970 Datasheet PDF - PHOENIX CONTACT
Part # 1628970
Download  1628970 Download
File Size   494.24 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-08S1N8A9003S - Coupler connector

1628970 Datasheet (PDF)

Go To PDF Page Download Datasheet
1628970 Datasheet PDF - PHOENIX CONTACT

Part # 1628970
Download  1628970 Click to download

File Size   494.24 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-08S1N8A9003S - Coupler connector

1628970 Datasheet (HTML) - PHOENIX CONTACT


1628970 Product details

M17, Coupler connector, series: M17 PRO, straight, shielded: yes, for standard and ONECLICK
fast locking system, No. of pos.: 8, contact connection type: Socket, Crimp connection, cable
diameter range: 5.5 mm ... 9.5 mm, coding: N, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb < 0.1 %)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Modern, consistent design for highly convenient operation
• Easy, cost-effective cable assembly: uniform shielding of M17 to M40




Similar Part No. - 1628970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628971 PHOENIX-1628971 Datasheet
348Kb / 7P
M17-08S1N8A9002S - Coupler connector
1628972 PHOENIX-1628972 Datasheet
475Kb / 11P
M17-08P1N8A9004S - Coupler connector
1628973 PHOENIX-1628973 Datasheet
475Kb / 11P
M17-08P1N8A9003S - Coupler connector
1628974 PHOENIX-1628974 Datasheet
402Kb / 10P
M17-08P1N8A9002S - Coupler connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
More results


Similar Description - 1628970

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628967 PHOENIX-1628967 Datasheet
512Kb / 12P
M17-17P1N8A9003S - Coupler connector
1628988 PHOENIX-1628988 Datasheet
1Mb / 10P
M17-6ES1N8A8003S - Cable connector
1629005 PHOENIX-1629005 Datasheet
1Mb / 11P
M17-17S1N8A8004S - Cable connector
1629050 PHOENIX-1629050 Datasheet
1Mb / 12P
M17-17P1N8A8004 - Cable connector
1619015 PHOENIX-1619015 Datasheet
504Kb / 12P
ST-08S1N8A9003S - Coupler connector
1628975 PHOENIX-1628975 Datasheet
1Mb / 14P
M17-8ES1N8A8004S - Cable connector
1628964 PHOENIX-1628964 Datasheet
538Kb / 12P
M17-17S1N8A9003S - Coupler connector
1629017 PHOENIX-1629017 Datasheet
1Mb / 15P
M17-8ES1N8A8004 - Cable connector
1628948 PHOENIX-1628948 Datasheet
504Kb / 11P
M17-6EP1N8A9004S - Coupler connector
1629049 PHOENIX-1629049 Datasheet
1Mb / 13P
M17-17S1N8A8002 - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com