Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD797 Datasheet (PDF) - Analog Devices

AD797 Datasheet PDF - Analog Devices
Part # AD797_V01
Download  AD797 Download
File Size   343.36 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion, Ultralow Noise Op Amp

AD797 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD797 Datasheet PDF - Analog Devices

Part # AD797_V01
Download  AD797 Click to download

File Size   343.36 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion, Ultralow Noise Op Amp

AD797 Datasheet (HTML) - Analog Devices


AD797 Product details

FEATURES Low noise 0.9 nV/√Hz typical (1.2 nV/√Hz maximum) input voltage
noise at 1 kHz
50 nV p-p input voltage noise, 0.1 Hz to 10 Hz Low distortion
−120 dB total harmonic distortion at 20 kHz Excellent ac characteristics
800 ns settling time to 16 bits (10 V step)
110 MHz gain bandwidth (G = 1000) 8 MHz bandwidth (G = 10) 280 kHz full power bandwidth at 20 V p-p 20 V/μs slew rate
Excellent dc precision
80 μV maximum input offset voltage
1.0 μV/°C VOS drift Specified for ±5 V and ±15 V power supplies
High output drive current of 50 mA
APPLICATIONS
Professional audio preamplifiers
IR, CCD, and sonar imaging systems Spectrum analyzers Ultrasound preamplifiers Seismic detectors
Σ-Δ ADC/DAC buffers

GENERAL DESCRIPTION
The AD797 is a very low noise, low distortion operational amplifier ideal for use as a preamplifier. The low noise of 0.9 nV/√Hz and
low total harmonic distortion of −120 dB in audio bandwidths
give the AD797 the wide dynamic range necessary for preamps in microphones and mixing consoles. Furthermore, the AD797 has an excellent slew rate of 20 V/μs
and a 110 MHz gain bandwidth, which makes it highly suitable for low frequency ultrasound applications. The AD797 is also useful in infrared (IR) and sonar imaging
applications, where the widest dynamic range is necessary. The low distortion and 16-bit settling time of the AD797 make it
ideal for buffering the inputs to Σ-Δ ADCs or the outputs of high resolution DACs, especially when the device is used in critical applications such as seismic detection or in spectrum
analyzers. Key features such as a 50 mA output current drive
and the specified power supply voltage range of ±5 V to ±15 V
make the AD797 an excellent general-purpose amplifier.




Similar Part No. - AD797_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797AN AD-AD797AN Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD797AN AD-AD797AN Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD797ANZ AD-AD797ANZ Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD797AR AD-AD797AR Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD797AR AD-AD797AR Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
More results


Similar Description - AD797_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD743 AD-AD743_03 Datasheet
268Kb / 12P
Ultralow Noise BiFET Op Amp
REV. E
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD743 AD-AD743_15 Datasheet
296Kb / 12P
Ultralow Noise BiFET Op Amp
Rev. E
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com