Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR74 Datasheet (PDF) - Cisco Systems, Inc.

MR74 Datasheet PDF - Cisco Systems, Inc.
Part # MR74
Download  MR74 Download
File Size   157.16 Kbytes
Page   6 Pages
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.
Description Dual-band 2x2 MIMO 802.

MR74 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR74 Datasheet PDF - Cisco Systems, Inc.

Part # MR74
Download  MR74 Click to download

File Size   157.16 Kbytes
Page   6 Pages
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.
Description Dual-band 2x2 MIMO 802.

MR74 Datasheet (HTML) - Cisco Systems, Inc.


MR74 Product details

General purpose industrial / outdoor 802.11ac Wave 2 wireless
The Cisco Meraki MR74 is a four-radio, cloud-managed 2x2 MIMO 802.11ac Wave 2 access point. Designed for general purpose, next-generation deployments in harsh outdoor locations and industrial indoor conditions, the MR74 offers performance, enterprise-grade security, and intuitive management.
The MR74 delivers a maximum 1.3 Gbps* aggregate frame rate with concurrent 2.4 GHz and 5 GHz radios. A dedicated third radio provides real-time WIDS/WIPS with automated RF optimization. A fourth radio delivers seamless Bluetooth Low Energy (BLE) scanning and Beaconing.
The combination of cloud management, 802.11ac, full-time RF environment scanning, and an integrated Bluetooth Low Energy radio delivers the high throughput, reliability, and flexibility required by the most demanding business applications like voice a




Similar Part No. - MR74

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MR700 VISHAY-MR700 Datasheet
75Kb / 3P
Wirewound Resistor, Ultra Precision,Epoxy Molded, Radial Lead
17-Aug-12
logo
ML Accessories Limited....
MR7000 KNIGHTSBRIDGE-MR7000 Datasheet
246Kb / 1P
Metal Clad 13A 1G DP Switched Socket
11/04/202
MR7000N KNIGHTSBRIDGE-MR7000N Datasheet
226Kb / 1P
Metal Clad 13A 1G DP switched socket with neon
11/04/202
MR7000U KNIGHTSBRIDGE-MR7000U Datasheet
248Kb / 1P
Metal Clad 13A 1G Unswitched Socket
11/04/202
logo
Micro Electronics
MR73D MICRO-ELECTRONICS-MR73D Datasheet
55Kb / 1P
RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
More results


Similar Description - MR74

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6102B0100 PULSE-W6102B0100 Datasheet
1Mb / 12P
2X2 MIMO Dual WiFiAntenna
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
2x2 MIMO LTE FPC ANTENNA
logo
World Produts Inc.
WPANT30120 WPI-WPANT30120 Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
logo
TP-Link Technologies Co...
AC1350 TP-LINK-AC1350 Datasheet
1Mb / 7P
Dual Band | MU-MIMO
logo
Compex Systems Pte. Lte...
WLE200NX COMPEX-WLE200NX Datasheet
302Kb / 4P
Dual Band 2x2 MIMO 802.11n Mini PCIe Module
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE200N2 COMPEX-WLE200N2 Datasheet
405Kb / 3P
Dual Band 2x2 MIMO 802.11n Mini PCIe Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
logo
TE Connectivity Ltd
2246667-1 TEC-2246667-1 Datasheet
2Mb / 3P
2400??483.5 MHz & 5150??875 MHz MIMO 2X2 DUAL BAND CABLED ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com