Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1624074 Datasheet (PDF) - PHOENIX CONTACT

1624074 Datasheet PDF - PHOENIX CONTACT
Part # 1624074
Download  1624074 Download
File Size   500.84 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-1RS1N8AT008 - Cable connector

1624074 Datasheet (PDF)

Go To PDF Page Download Datasheet
1624074 Datasheet PDF - PHOENIX CONTACT

Part # 1624074
Download  1624074 Click to download

File Size   500.84 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-1RS1N8AT008 - Cable connector

1624074 Datasheet (HTML) - PHOENIX CONTACT


1624074 Product details

M23, Cable connector, series: CA, angled, shielded: yes, Screw locking mechanism, No. of pos.:
16+2+FE, Direction of rotation: Standard, contact connection type: Socket, Crimp connection,
cable diameter range: 10 mm ... 14.5 mm, coding: N, Alternative product in accordance with
RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1245085

Your advantages
• Angled cable outlet for confined spaces
• Can be adapted to various applications, thanks to adjustable cable outlet direction
• Safe use in the field, thanks to high degree of protection
• Connector for flexible on-site assembly
• Consistent EMC protection for reliable transmission of signals
• Crimping connection: vibration- and temperature-resistant assembly




Similar Part No. - 1624074

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1624071 PHOENIX-1624071 Datasheet
500Kb / 14P
CA-1RS1N8AT0DN - Cable connector
1624072 PHOENIX-1624072 Datasheet
272Kb / 6P
CA-1RS1N8AT006 - Cable connector
1624073 PHOENIX-1624073 Datasheet
272Kb / 6P
CA-1RS1N8AT007 - Cable connector
1624075 PHOENIX-1624075 Datasheet
548Kb / 15P
CA-1RP1N8AT0DN - Cable connector
1624076 PHOENIX-1624076 Datasheet
510Kb / 15P
CA-1RP1N8AT006 - Cable connector
More results


Similar Description - 1624074

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
Cable connector - CA-09P1N12T0DN
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
Cable connector - CA-19P1N12T008S
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T007S
1619412 PHOENIX-1619412 Datasheet
241Kb / 6P
Cable connector - CA-12S1N12T006S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
Cable connector - CA-17P1N128006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com