Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3596 Datasheet (PDF) - Unisonic Technologies

P3596 Datasheet PDF - Unisonic Technologies
Part # P3596
Download  P3596 Download
File Size   259.62 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150KHZ, 3A PWM STEP-DOWN DC/DC CONVERTER

P3596 Datasheet (PDF)

Go To PDF Page Download Datasheet
P3596 Datasheet PDF - Unisonic Technologies

Part # P3596
Download  P3596 Click to download

File Size   259.62 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 150KHZ, 3A PWM STEP-DOWN DC/DC CONVERTER

P3596 Datasheet (HTML) - Unisonic Technologies


P3596 Product details

 DESCRIPTION
The UTC P3596 series is a step-down switching regulator able
to provide 3A output current. The available output voltages are
2.5V, 3.3V, 5V, 12V, and an adjustable output version.
 FEATURES
*Output load current: 3A
*Adjustable version output voltage range, 1.23V ~ 32V±4%
*Operating voltage can be up to 35V
*Low power standby mode
*High efficiency
*Internal current and thermal limit




Similar Part No. - P3596

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
P35-0702T BOOKHAM-P35-0702T Datasheet
277Kb / 3P
GaAs MMIC SPDT Terminated Switch, DC-2GHz
logo
Tripp Lite. All Rights ...
P350-10N-10 TRIPPLITE-P350-10N-10 Datasheet
156Kb / 2P
Hook-and-Loop Cable Ties, 10" L x 5/8" W - 10-Pack
logo
YAMAHA CORPORATION
P3500 YAMAHA-P3500 Datasheet
7Mb / 37P
POWER AMPLIFIERS
logo
UN Semiconducctor INC
P3500DM UNSEMI-P3500DM Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Shanghai Shunye Electro...
P3500DM SHUNYE-P3500DM Datasheet
1Mb / 4P
PxxxxDM Series TSS
More results


Similar Description - P3596

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
AiT Semiconductor Inc.
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
logo
TECH PUBLIC Electronics...
LM2596 TECHPUBLIC-LM2596 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com