Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861252 Datasheet (PDF) - Texas Instruments

TPSM861252 Datasheet PDF - Texas Instruments
Part # TPSM861252
Download  TPSM861252 Download
File Size   1281.96 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM86325x 3V to 17V Input, 3A, Synchronous Buck Module in QFN Package

TPSM861252 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM861252 Datasheet PDF - Texas Instruments

Part # TPSM861252
Download  TPSM861252 Click to download

File Size   1281.96 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM86325x 3V to 17V Input, 3A, Synchronous Buck Module in QFN Package

TPSM861252 Datasheet (HTML) - Texas Instruments


TPSM861252 Product details

1 Features
• Configured for a wide range of applications
– 3V to 17V input voltage range
– 0.6V to 10V output voltage range for
TPSM863252
– 0.6V to 5.5V output voltage range for
TPSM863257
– Fixed 3.3V output voltage for TPSM863253
– 0.6V reference voltage
– ±1% reference accuracy at 25°C
– ±1.5% reference accuracy at –40°C to 125°C
– Integrated 55mΩ and 24mΩ MOSFETs
– 100μA low quiescent current
– 1.2MHz switching frequency
– Maximum 95% large duty cycle operation
– Precision EN threshold voltage
– 1.6ms fixed typical soft-start time
• Ease of use and small design size
– TPSM863252 Eco-mode, TPSM863257 and
TPSM863253 FCCM mode at light loading
– Fast transient D-CAP3™ control mode
– Easy layout with integrated bootstrap capacitor
and inductor
– Support start-up with prebiased output voltage
– Non-latch for OV, OT, and UVLO protection
– Cycle-by-cycle OC and NOC protection
– –40°C to 125°C operating junction temperature
– 3.3mm × 4mm × 2mm QFN package
• Create a custom design using the TPSM863252
with the WEBENCH® Power Designer
• Create a custom design using the TPSM863253
with the WEBENCH® Power Designer
• Create a custom design using the TPSM863257
with the WEBENCH® Power Designer

2 Applications
• Merchant network and server PSU
• AC/DC adapters/PSU
• Factory automation and control
• Test and measurement

3 Description
The TPSM86325x is a simple, easy-to-use, highefficiency,
high-power density, synchronous buck
module with input voltage ranging from 3V to 17V and
supports up to 3A continuous current.
The TPSM86325x employs D-CAP3 control mode
to provide a fast transient response and to support
low-ESR output capacitors with no requirement for
external compensation. The device can support up to
95% duty cycle operation.
The TPSM863252 operates in Eco-mode, which
maintains high efficiency during light loading. The
TPSM863257 operates in FCCM mode, which keeps
the same frequency and lower output ripple during
all load conditions. TPSM863253 is a fixed 3.3V
output voltage part with FCCM mode. TPS863253
integrated divider resistors and a feedforward cap
in internal module. The device integrates complete
protection through OVP, OCP, UVLO, OTP, and UVP
with hiccup.
The device is available in a QFN package. The
junction temperature is specified from –40°C to
125°C.




Similar Part No. - TPSM861252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM861252 TI1-TPSM861252 Datasheet
1Mb / 29P
TPSM86125x 3V to 17V Input, 1A, Synchronous Buck Module in QFN Package
MARCH 2024
TPSM861252RDXR TI1-TPSM861252RDXR Datasheet
1Mb / 29P
TPSM86125x 3V to 17V Input, 1A, Synchronous Buck Module in QFN Package
MARCH 2024
More results


Similar Description - TPSM861252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
3-17V 3A Step-Down Converter in 3x3 QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
logo
Diodes Incorporated
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
logo
Texas Instruments
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPSM861253 TI-TPSM861253 Datasheet
1Mb / 27P
TPSM861253 3.8-V to 17-V Input, 1-A, Synchronous Buck Module in QFN Package
SEPTEMBER 2023
TPSM863252 TI-TPSM863252_V02 Datasheet
1Mb / 29P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com