Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2451 Datasheet (PDF) - Monolithic Power Systems

MP2451 Datasheet PDF - Monolithic Power Systems
Part # MP2451
Download  MP2451 Download
File Size   471.04 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 2MHz, 0.6A Step-Down Converter

MP2451 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2451 Datasheet PDF - Monolithic Power Systems

Part # MP2451
Download  MP2451 Click to download

File Size   471.04 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 2MHz, 0.6A Step-Down Converter

MP2451 Datasheet (HTML) - Monolithic Power Systems


MP2451 Product details

DESCRIPTION
The MP2451 is a high frequency (2MHz) stepdown
switching regulator with integrated
internal high-side high voltage power MOSFET.
It provides single 0.6A (or less) highly efficient
output with current mode control for fast loop
response.
The wide 3.3V to 36V input range
accommodates a variety of step-down
applications in automotive input environment. A
3μA shutdown mode quiescent current allows
use in battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
Frequency fold-back helps prevent inductor
current runaway during start-up. Thermal
shutdown provides reliable, fault-tolerant
operation.
The MP2451 is available in the cost-effective
SOT23-6 and TSOT23-6 packages.

FEATURES
 130μA Operating Quiescent Current
 Wide 3.3V to 36V Operating Input Range
 500mΩ Internal Power MOSFET
 2MHz fixed Switching Frequency
 Internally compensated
 Stable with Ceramic Output Capacitors
 Internal Soft-Start
 Precision Current Limit Without Current
Sensing Resistor
 > 90% Efficiency
 Output Adjustable from +0.8V to 0.8xVIN
 3μA Low Shutdown Supply Current
 SOT23-6 and TSOT23-6 Packages
APPLICATIONS
 High Voltage Power Conversion
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems




Similar Part No. - MP2451

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP245 CTS-MP245 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP2452DD MPS-MP2452DD Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MP2454GH MPS-MP2454GH Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
More results


Similar Description - MP2451

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EVQ2451-G-00A MPS-EVQ2451-G-00A Datasheet
412Kb / 5P
0.6A, 2MHz, 36V Step-Down Converter Evaluation Board
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com