Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1521643 Datasheet (PDF) - PHOENIX CONTACT

1521643 Datasheet PDF - PHOENIX CONTACT
Part # 1521643
Download  1521643 Download
File Size   560.7 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M 8MS/10,0-PUR SH - Sensor/actuator cable

1521643 Datasheet (PDF)

Go To PDF Page Download Datasheet
1521643 Datasheet PDF - PHOENIX CONTACT

Part # 1521643
Download  1521643 Click to download

File Size   560.7 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M 8MS/10,0-PUR SH - Sensor/actuator cable

1521643 Datasheet (HTML) - PHOENIX CONTACT


1521643 Product details

Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, shielded (Braided
copper wires), Plug straight M8, coding: A, on free cable end, cable length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1521643

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1521600 PHOENIX-1521600 Datasheet
424Kb / 7P
SACC-AHD10-9PMS-GN-IV - Contact insert
1521601 PHOENIX-1521601 Datasheet
528Kb / 13P
SACC-FS-4QO-0,75-M SCO - Connector
1521602 PHOENIX-1521602 Datasheet
424Kb / 7P
SACC-AHD16-9PFS-IV - Contact insert
1521603 PHOENIX-1521603 Datasheet
425Kb / 7P
SACC-AHD16-9PFS-GN-IV - Contact insert
1521604 PHOENIX-1521604 Datasheet
318Kb / 5P
IV-AHDC-9PMS-BK - Protective cover
More results


Similar Description - 1521643

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417701 PHOENIX-1417701 Datasheet
98Kb / 7P
Sensor/Actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8SIFS
1453313 PHOENIX-1453313 Datasheet
79Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,3-PUR/KMYZ9
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1529470 PHOENIX-1529470 Datasheet
88Kb / 5P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8MS
12/06/2018
1476788 PHOENIX-1476788 Datasheet
1Mb / 8P
SAC-3P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476782 PHOENIX-1476782 Datasheet
376Kb / 8P
SAC-3P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476796 PHOENIX-1476796 Datasheet
391Kb / 8P
SAC-3P-P12MR/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com