Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1522406 Datasheet (PDF) - PHOENIX CONTACT

1522406 Datasheet PDF - PHOENIX CONTACT
Part # 1522406
Download  1522406 Download
File Size   539.38 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 3,0-PUR/M 8FS SH - Sensor/actuator cable

1522406 Datasheet (PDF)

Go To PDF Page Download Datasheet
1522406 Datasheet PDF - PHOENIX CONTACT

Part # 1522406
Download  1522406 Click to download

File Size   539.38 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 3,0-PUR/M 8FS SH - Sensor/actuator cable

1522406 Datasheet (HTML) - PHOENIX CONTACT


1522406 Product details

Sensor/actuator cable, 6-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable
end, on Socket straight M8, coding: A, cable length: 3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1522406

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152240-0000GB 3M-152240-0000GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
152240-0000GB 3M-152240-0000GB Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
152240-0000GG 3M-152240-0000GG Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
152240-0000GG 3M-152240-0000GG Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
152240-0003GB 3M-152240-0003GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
More results


Similar Description - 1522406

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1476800 PHOENIX-1476800 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
1476854 PHOENIX-1476854 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476806 PHOENIX-1476806 Datasheet
1Mb / 8P
SAC-3P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476839 PHOENIX-1476839 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1476902 PHOENIX-1476902 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476848 PHOENIX-1476848 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com