Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1613370 Datasheet (PDF) - PHOENIX CONTACT

1613370 Datasheet PDF - PHOENIX CONTACT
Part # 1613370
Download  1613370 Download
File Size   477.37 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-08S1N8A8K02S - Cable connector

1613370 Datasheet (PDF)

Go To PDF Page Download Datasheet
1613370 Datasheet PDF - PHOENIX CONTACT

Part # 1613370
Download  1613370 Click to download

File Size   477.37 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-08S1N8A8K02S - Cable connector

1613370 Datasheet (HTML) - PHOENIX CONTACT


1613370 Product details

Cable connector, straight, SPEEDCON, M17, number of positions: 8, contact connection type:
Socket, shielded: yes, degree of protection: IP67, cable diameter range: 3.5 mm ... 5.5 mm,
number of positions: 8, connection method: Crimp connection, series: ST, Alternative product in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1242733

Your advantages
• Reduced size: ideal for compact devices
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters




Similar Part No. - 1613370

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1613371 PHOENIX-1613371 Datasheet
473Kb / 12P
ST-08S1N8A8K03S - Cable connector
1613372 PHOENIX-1613372 Datasheet
473Kb / 12P
ST-08S1N8A8K04S - Cable connector
More results


Similar Description - 1613370

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607624 PHOENIX-1607624 Datasheet
146Kb / 9P
Cable connector - ST-17P1N8A8003
09/11/2020
1607685 PHOENIX-1607685 Datasheet
551Kb / 14P
ST-3ES1N8A8004S - Cable connector
1607643 PHOENIX-1607643 Datasheet
613Kb / 15P
ST-17S1N8A8004 - Cable connector
1607644 PHOENIX-1607644 Datasheet
597Kb / 15P
ST-17S1N8A8004S - Cable connector
1613580 PHOENIX-1613580 Datasheet
553Kb / 14P
ST-6ES1N8A8004S - Cable connector
1618575 PHOENIX-1618575 Datasheet
476Kb / 12P
ST-3EP1N8A8K04S - Cable connector
1618624 PHOENIX-1618624 Datasheet
445Kb / 11P
ST-6EP1N8A8K04S - Cable connector
1618630 PHOENIX-1618630 Datasheet
479Kb / 12P
ST-6ES1N8A8K04S - Cable connector
1624537 PHOENIX-1624537 Datasheet
561Kb / 14P
ST-3ES1N8A8005 - Cable connector
1624538 PHOENIX-1624538 Datasheet
550Kb / 14P
ST-3ES1N8A8005S - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com