Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1623712 Datasheet (PDF) - PHOENIX CONTACT

1623712 Datasheet PDF - PHOENIX CONTACT
Part # 1623712
Download  1623712 Download
File Size   690.06 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8EPCD8A9L34S - Coupler connector

1623712 Datasheet (PDF)

Go To PDF Page Download Datasheet
1623712 Datasheet PDF - PHOENIX CONTACT

Part # 1623712
Download  1623712 Click to download

File Size   690.06 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8EPCD8A9L34S - Coupler connector

1623712 Datasheet (HTML) - PHOENIX CONTACT


1623712 Product details

M40, Coupler connector, series: SB, straight long, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 4+4+4+PE / 3+N+PE, Direction of rotation: Standard, contact connection
type: Pin, Crimp connection, cable diameter range: 20.5 mm ... 26.5 mm, coding: CAT5, coding
2, Alternative product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.:
1244957

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Mechanical coding reliably prevents incorrect connections
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1623712

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623710 PHOENIX-1623710 Datasheet
690Kb / 21P
SB-8EPCD8A9L32S - Coupler connector
1623711 PHOENIX-1623711 Datasheet
680Kb / 21P
SB-8EPCD8A9L33S - Coupler connector
1623713 PHOENIX-1623713 Datasheet
606Kb / 19P
SB-8EPSD8A9L32S - Coupler connector
1623714 PHOENIX-1623714 Datasheet
335Kb / 8P
Coupler connector - SB-8EPSD8A9L33S
02/04/2022
1623715 PHOENIX-1623715 Datasheet
335Kb / 8P
Coupler connector - SB-8EPSD8A9L34S
02/04/2022
More results


Similar Description - 1623712

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623339 PHOENIX-1623339 Datasheet
352Kb / 10P
Coupler connector - SB-8ESCA8A9L32S
02/04/2022
1623358 PHOENIX-1623358 Datasheet
353Kb / 10P
Coupler connector - SB-8EPCA8A9L34S
02/04/2022
1623360 PHOENIX-1623360 Datasheet
340Kb / 8P
Coupler connector - SB-8EPSA8A9L33S
02/04/2022
1623688 PHOENIX-1623688 Datasheet
391Kb / 8P
Cable connector - SB-8ESSD8A8L34S
02/04/2022
1623701 PHOENIX-1623701 Datasheet
352Kb / 9P
Coupler connector - SB-8ESCD8A9L32S
02/04/2022
1623705 PHOENIX-1623705 Datasheet
341Kb / 8P
Coupler connector - SB-8ESSD8A9L33S
02/04/2022
1623714 PHOENIX-1623714 Datasheet
335Kb / 8P
Coupler connector - SB-8EPSD8A9L33S
02/04/2022
1623715 PHOENIX-1623715 Datasheet
335Kb / 8P
Coupler connector - SB-8EPSD8A9L34S
02/04/2022
1623361 PHOENIX-1623361 Datasheet
643Kb / 18P
SB-8EPSA8A9L34S - Coupler connector
1623357 PHOENIX-1623357 Datasheet
737Kb / 20P
SB-8EPCA8A9L33S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com