Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC591 Datasheet (PDF) - Hittite Microwave Corporation

HMC591 Datasheet PDF - Hittite Microwave Corporation
Part # HMC591
Download  HMC591 Download
File Size   390.76 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz

HMC591 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC591 Datasheet PDF - Hittite Microwave Corporation

Part # HMC591
Download  HMC591 Click to download

File Size   390.76 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz

HMC591 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC591

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC591 HITTITE-HMC591 Datasheet
298Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
Micross Components
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC591 AD-HMC591 Datasheet
414Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results


Similar Description - HMC591

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590 Datasheet
377Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC592 HITTITE-HMC592 Datasheet
379Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
414Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com