Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C031 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C031 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C031
Download  HMC-C031 Download
File Size   237.15 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT

HMC-C031 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C031 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C031
Download  HMC-C031 Click to download

File Size   237.15 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT

HMC-C031 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C031 Product details

General Description

The HMC-C031 is a x2 active broadband frequency multiplier utilizing GaAs PHEMT technology in a miniature hermetic module. When driven by a 3 dBm signal, the multiplier provides +17 dBm typical output power from 6 to 10 GHz. The Fo and 3Fo isolations are 12 dBc with respect to output signal level. This frequency multiplier features DC blocked I/O’s, and is ideal for use in LO multiplier chains for Pt to Pt & VSAT Radios yielding reduced parts count vs. traditional approaches. The low additive SSB Phase Noise of -140 dBc/Hz at 100 kHz offset helps maintain good system noise performance.



Features

High Output Power: +17 dBm

Low Input Power Drive: -2 to +6 dBm

100 KHz SSB Phase Noise: -140 dBc/Hz

Single Supply: +5V @ 90 mA

Hermetically Sealed Module

Field Replaceable SMA Connectors

-55° to +85°C Operating Temperature



Typical Applications

The HMC-C031 is suitable for:

• Wireless Local Loop

• Point-to-Point & VSAT Radios

• Test Instrumentation

• Military & Space




Similar Part No. - HMC-C031

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C031 HITTITE-HMC-C031 Datasheet
216Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
HMC-C031 HITTITE-HMC-C031_V01 Datasheet
216Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
More results


Similar Description - HMC-C031

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC-C033 HITTITE-HMC-C033 Datasheet
251Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
HMC-C032 HITTITE-HMC-C032 Datasheet
262Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 18 - 29 GHz OUTPUT
HMC-C034 HITTITE-HMC-C034 Datasheet
242Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 32 - 46 GHz OUTPUT
HMC-C033 HITTITE-HMC-C033_1 Datasheet
228Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 24 - 33 GHz OUTPUT
HMC-C031 HITTITE-HMC-C031_V01 Datasheet
216Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 6 - 10 GHz OUTPUT
HMC-C056 HITTITE-HMC-C056 Datasheet
229Kb / 4P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 8 - 21 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com