Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS45V2735 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGFS45V2735 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGFS45V2735
Download  MGFS45V2735 Download
File Size   156.17 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2.7 - 3.5GHz BAND 30W INTERNALLY MATCHD GaAs FET

MGFS45V2735 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGFS45V2735 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGFS45V2735
Download  MGFS45V2735 Click to download

File Size   156.17 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 2.7 - 3.5GHz BAND 30W INTERNALLY MATCHD GaAs FET

MGFS45V2735 Datasheet (HTML) - Mitsubishi Electric Semiconductor


MGFS45V2735 Product details

DESCRIPTION
The MGFS45V2735 is an internally impedance-matched GaAs power FET especially designed for use in 2.7 - 3.5 GHz band amplifiers. The hermetically sealed metal-ceramic package guarantees high reliability.

FEATURES
   Class A operation
   Internally matched to 50(ohm) system
   High output power
      P1dB = 30W (TYP.) @ f=2.7 - 3.5 GHz
   High power gain
      GLP = 12 dB (TYP.) @ f=2.7 - 3.5GHz
   High power added efficiency
      P.A.E. = 36 % (TYP.) @ f=2.7 - 3.5GHz
   Low distortion [item -51]
      IM3=-45dBc(TYP.) @Po=34.5dBm S.C.L.

APPLICATION
   item 01 : 2.7 - 3.5 GHz band power amplifier
   item 51 : 2.7 - 3.5 GHz band digital radio communication




Similar Part No. - MGFS45V2735

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
243Kb / 3P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
128Kb / 3P
2.7-3.5 GHz BAND / 30W
MGFS45V2735 MITSUBISHI-MGFS45V2735_04 Datasheet
243Kb / 3P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735_11 Datasheet
128Kb / 3P
2.7-3.5 GHz BAND / 30W
More results


Similar Description - MGFS45V2735

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045 Datasheet
20Kb / 1P
14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735 Datasheet
93Kb / 2P
2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFS45V2123 MITSUBISHI-MGFS45V2123 Datasheet
25Kb / 2P
2.1 - 2.3GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2325 MITSUBISHI-MGFS45V2325 Datasheet
27Kb / 2P
2.3 - 2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2325A MITSUBISHI-MGFS45V2325A Datasheet
48Kb / 1P
2.3 - 2.5GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFS45V2527 MITSUBISHI-MGFS45V2527 Datasheet
32Kb / 2P
2.5 - 2.7GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735_98 Datasheet
68Kb / 3P
2.7-3.5GHz BAND 25W INTERNALLY MATCHD GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735_04 Datasheet
243Kb / 3P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com