Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8030 Datasheet (PDF) - List of Unclassifed Manufacturers

S8030 Datasheet PDF - List of Unclassifed Manufacturers
Part # S8030
Download  S8030 Download
File Size   616.97 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TRANSFER PET MATT WHITE S8030-BG42WH FSC

S8030 Datasheet (PDF)

Go To PDF Page Download Datasheet
S8030 Datasheet PDF - List of Unclassifed Manufacturers

Part # S8030
Download  S8030 Click to download

File Size   616.97 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TRANSFER PET MATT WHITE S8030-BG42WH FSC

S8030 Datasheet (HTML) - List of Unclassifed Manufacturers


S8030 Product details

Facestock
A white polyester film; the surface is covered with an absorbing,
matt topcoat for very good ink anchorage.
Basis Weight 74 g/m² ISO 536
Caliper 55 μm ISO 534




Similar Part No. - S8030

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S8035J TECCOR-S8035J Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S8035J LITTELFUSE-S8035J Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S8035J LITTELFUSE-S8035J Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S8035J NJSEMI-S8035J Datasheet
1Mb / 2P
Electrical Specifications
logo
Teccor Electronics
S8035K TECCOR-S8035K Datasheet
222Kb / 12P
SCRs
More results


Similar Description - S8030

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8749S TOSHIBA-TA8749S Datasheet
158Kb / 4P
4 fsc CLOCK GENERATOR
logo
Elantec Semiconductor
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
logo
List of Unclassifed Man...
8765 ETC-8765 Datasheet
71Kb / 4P
Reflective Material 8765 White Transfer Film
LDECA2270 ETC1-LDECA2270 Datasheet
499Kb / 8P
PEN-PET H.T
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
PET FR530
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
PET FR530
logo
Ledil, Inc.
CN17226 LEDIL-CN17226 Datasheet
2Mb / 3P
~80째 beam. 7X1 variant in matt white.
CN17227 LEDIL-CN17227 Datasheet
2Mb / 3P
~50째 beam. 7X1 variant in matt white.
CN17177 LEDIL-CN17177 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt white.
CN17178 LEDIL-CN17178 Datasheet
6Mb / 4P
~50째 wide beam. 8X1 variant in matt white.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com