Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P625 Datasheet (PDF) - List of Unclassifed Manufacturers

P625 Datasheet PDF - List of Unclassifed Manufacturers
Part # P625
Download  P625 Download
File Size   186.13 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description P625 Peristaltic Pumps

P625 Datasheet (PDF)

Go To PDF Page Download Datasheet
P625 Datasheet PDF - List of Unclassifed Manufacturers

Part # P625
Download  P625 Click to download

File Size   186.13 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description P625 Peristaltic Pumps

P625 Datasheet (HTML) - List of Unclassifed Manufacturers


P625 Product details

Flow rates from 0.0007 to 19 ml/min.
Configure the pump with one of four Swiss-made
motor and gearhead assemblies, and one of a range
of pump tube sizes to best match your particular lowflow
application. The specially contoured, precision
machined-pump head minimizes pulsations and
improves accuracy.
Precise bi-directional speed control
Built-in circuitry provides accurate, linear flow rate
control over a 10:1 range, requiring only a single
supply and an analog control voltage. The circuitry
compensates for torque changes to maintain constant
motor speed.
Low power, low noise operation
Typically drawing between 25 and 75 mA, this pump is
well-suited for battery powered applications. Its allanalog
design minimizes EMI.
Easy-to-use tube sets
Tube sets can be installed and removed in seconds.
They are available in a range of sizes and materials, and
the smaller sizes are available with two channels.
FEATURES




Similar Part No. - P625

ManufacturerPart #DatasheetDescription
logo
celduc-relais
P6250000 CELDUC-P6250000 Datasheet
186Kb / 1P
MOULDED CONTROL MAGNET
logo
List of Unclassifed Man...
P6251 ETC2-P6251 Datasheet
251Kb / 6P
1 GHz and 500 MHz High Voltage Differential Probes
More results


Similar Description - P625

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
Miniature diaphragm pumps
logo
Mallory performance clu...
110_140 MALLORY-110_140 Datasheet
294Kb / 4P
ELECTRIC FUEL PUMPS
logo
Ralston Instruments.
DP0V RALSTON-DP0V Datasheet
371Kb / 1P
Pneumatic Hand Pumps
DPPV RALSTON-DPPV Datasheet
363Kb / 1P
Pneumatic Pressure / Vacuum Hand Pumps
HPGV RALSTON-HPGV Datasheet
541Kb / 1P
Hydraulic Hand Pumps with Gauge Connection
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
Charge-Pumps and High-Current OP
logo
Pentair plc. All rights...
ME40AG PENTAIR-ME40AG Datasheet
204Kb / 2P
SUBMERSIBLE AGRICULTURAL PUMPS
S40HT PENTAIR-S40HT Datasheet
1Mb / 16P
Submersible High Temperature Effluent Pumps
VR1 PENTAIR-VR1 Datasheet
455Kb / 8P
GRINDER PUMPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com