Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7NM60 Datasheet (PDF) - Unisonic Technologies

7NM60 Datasheet PDF - Unisonic Technologies
Part # 7NM60
Download  7NM60 Download
File Size   399.46 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 600V N-CHANNEL SUPER-JUNCTION MOSFET

7NM60 Datasheet (PDF)

Go To PDF Page Download Datasheet
7NM60 Datasheet PDF - Unisonic Technologies

Part # 7NM60
Download  7NM60 Click to download

File Size   399.46 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 600V N-CHANNEL SUPER-JUNCTION MOSFET

7NM60 Datasheet (HTML) - Unisonic Technologies


7NM60 Product details

DESCRIPTION
The UTC 7NM60 is a high voltage super junction MOSFET and is
designed to have better characteristics.
The UTC 7NM60 Utilizing an advanced charge-balance
technology, enhance system efficiency, improve EMI and reliability.
such as low gate charge, low on-state resistance and have a high
power density and high rugged avalanche characteristics. This super
junction MOSFET usually used at AC/DC power conversion, and
industrial power applications.

FEATURES
RDS(ON) ≤ 0.95Ω @ VGS=10V, ID=3.7A
Fast Switching Capability
Avalanche Energy Tested
Improved dv/dt Capability, High Ruggedness




Similar Part No. - 7NM60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7NM65 UTC-7NM65 Datasheet
205Kb / 7P
N-CHANNEL SUPER-JUNCTION MOSFET
7NM65G-TA3-T UTC-7NM65G-TA3-T Datasheet
205Kb / 7P
N-CHANNEL SUPER-JUNCTION MOSFET
7NM65G-TF3-T UTC-7NM65G-TF3-T Datasheet
205Kb / 7P
N-CHANNEL SUPER-JUNCTION MOSFET
7NM65G-TM3-T UTC-7NM65G-TM3-T Datasheet
205Kb / 7P
N-CHANNEL SUPER-JUNCTION MOSFET
7NM65G-TN3-R UTC-7NM65G-TN3-R Datasheet
205Kb / 7P
N-CHANNEL SUPER-JUNCTION MOSFET
More results


Similar Description - 7NM60

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
600V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJD60R620E PANJIT-PJD60R620E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJMD580N60E1 PANJIT-PJMD580N60E1 Datasheet
552Kb / 7P
600V N-Channel Super Junction MOSFET
September 13,2021 PJMD580N60E1-REV.00
PJMD900N60EC PANJIT-PJMD900N60EC Datasheet
541Kb / 7P
600V N-Channel Super Junction MOSFET
October 14,2021 PJMD900N60EC-REV.00
PJMF280N60E1 PANJIT-PJMF280N60E1 Datasheet
506Kb / 7P
600V N-Channel Super Junction MOSFET
September 2,2021 PJMF280N60E1-REV.01
PJMH120N60EC PANJIT-PJMH120N60EC Datasheet
582Kb / 7P
600V N-Channel Super Junction MOSFET
May 25,2022 PJMH120N60EC-REV.00
PJMH190N60E1 PANJIT-PJMH190N60E1 Datasheet
585Kb / 7P
600V N-Channel Super Junction MOSFET
August 18,2022 PJMH190N60E1-REV.00
PJMP900N60EC PANJIT-PJMP900N60EC Datasheet
563Kb / 7P
600V N-Channel Super Junction MOSFET
October 14,2021 PJMP900N60EC-REV.00
PJU60R980E PANJIT-PJU60R980E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
PJMP099N60EC PANJIT-PJMP099N60EC Datasheet
889Kb / 7P
600V N-Channel Super Junction MOSFET
November 23,2023
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com