Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE84C886 Datasheet (PDF) - NXP Semiconductors

PCE84C886 Datasheet PDF - NXP Semiconductors
Part # PCE84C886
Download  PCE84C886 Download
File Size   322.02 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Microcontroller for monitor OSD and auto-sync applications

PCE84C886 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCE84C886 Datasheet PDF - NXP Semiconductors

Part # PCE84C886
Download  PCE84C886 Click to download

File Size   322.02 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Microcontroller for monitor OSD and auto-sync applications

PCE84C886 Datasheet (HTML) - NXP Semiconductors


PCE84C886 Product details

GENERAL DESCRIPTION
The PCE84C886 is a member of the 84CXXX CMOS microcontroller family. It is suitable for use in 14", 15" and 17" auto-sync monitors for OSD and auto-sync applications. The device uses the PCE84CXX processor core and has 8 kbytes of ROM and 192 bytes of RAM. I/O requirements are adequately catered for with 12 general purpose bidirectional I/O lines plus 16 function combined I/O lines. 9 PWM analog outputs are provided specifically for analog control purposes and also three 4-bit ADCs. The device has an 8-bit counter, suitable for use in pulse counting applications; an 8-bit timer/counter with programmable clock and an on-chip programmable PLL oscillator that generates the OSD clock. In addition to all these features a master-slave I2C-bus interface, 2 directly testable lines and an enhanced OSD facility for flexible screen format (64 character types) are also provided.

FEATURES
General
• CMOS 8-bit CPU (enhanced 8048 CPU) with 8 kbytes system ROM and 192 bytes system RAM
• One 8-bit timer/event counter (T1) and one 8-bit counter triggered by external input (T3)
• Four single level vectored interrupt sources: external (INTN), counter/timer, I2C-bus and VSYNCN
• 2 directly testable inputs T0 and T1
• On-chip oscillator clock frequency: 1 to 10 MHz
• On-chip Power-on-reset with low power detector
• Twelve quasi-bidirectional I/O lines, configuration of each I/O line individually selected by mask option
• Idle and Stop modes for reduced power consumption
• Operating temperature: −25 to +85 °C
• Operating voltage: 4.5 to 5.5 V
• Package: SDIP42.

Special
• Master-slave I2C-bus interface
• Four 6-bit Pulse Width Modulated outputs (PWM4 to PWM7)
• Four 7-bit Pulse Width Modulated outputs (PWM0 to PWM3)
• One 14-bit Pulse Width Modulated output (PWM8)
• Three 4-bit ADC channels
• 16 derivative I/O ports.

OSD
• Maximum dot frequency (fOSD): 14 MHz
• Display RAM: 64 × 10 bits
• Display character fonts: 62 + 2 special reserved codes
• Character matrix: 12 × 18 (no spacing between characters)
• 4 character sizes: 1H/1V, 1H/2V, 1H/3V and 1H/4V
• 64 Horizontal starting positions (4 dots for each step)
• 64 Vertical starting positions (4 scan lines for each step)
• Spacing between character rows: 0, 4, 8 and 12 scan lines
• Foreground colours: 8 on a character-by-character basis
• Background colours: 8 on a word-by-word basis
• Background/shadowing modes: 4 modes available, No background, North shadowing, Box shadowing and Frame shadowing (raster blanking) on a frame basis
• On-chip Phase-Locked Loop (PLL) oscillator (auto-sync with HSYNCN) with programmable oscillator for On Screen Display (OSD) function
• Character blinking frequency: programmable using fVsync divisors of 16, 32, 64 and 128; on a frame basis
• Character blinking ratios: 1 : 1, 1 : 3 and 3 : 1
• Programmable active level polarities of VSYNCN, HSYNCN, R, G, B and FB
• Flexible display format by using Carriage Return Code
• Auto display RAM address (DCRAR) incremented after write operation to the Character Data Register (DCRCR)
• VSYNCN generates an interrupt (enabled by software) when VIEN is active.




Similar Part No. - PCE84C886

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
More results


Similar Description - PCE84C886

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCB8517 PHILIPS-PCB8517 Datasheet
740Kb / 24P
Stand-alone OSD for monitor applications
1997 Mar 03
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
Advanced monitor video controller for OSD
1997 Nov 26
logo
STMicroelectronics
STV9432 STMICROELECTRONICS-STV9432 Datasheet
186Kb / 18P
100MHz OSD FOR MONITOR
Feb-2000
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
OSD PROCESSOR FOR MONITOR
logo
List of Unclassifed Man...
WT6802 ETC-WT6802 Datasheet
143Kb / 5P
Monitor OSD with Auto-calibration
logo
Samsung semiconductor
S5D2509 SAMSUNG-S5D2509 Datasheet
289Kb / 32P
OSD PRESSOR FOR MONITOR (PRELIMINARY)
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com