Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH340B Datasheet (PDF) - Nanjing Qinheng Microelectronics Co., Ltd.

CH340B Datasheet PDF - Nanjing Qinheng Microelectronics Co., Ltd.
Part # CH340B
Download  CH340B Download
File Size   233.22 Kbytes
Page   10 Pages
Manufacturer  WCH [Nanjing Qinheng Microelectronics Co., Ltd.]
Direct Link  http://wch.cn/
Logo WCH - Nanjing Qinheng Microelectronics Co., Ltd.
Description USB Convert serial port chip

CH340B Datasheet (PDF)

Go To PDF Page Download Datasheet
CH340B Datasheet PDF - Nanjing Qinheng Microelectronics Co., Ltd.

Part # CH340B
Download  CH340B Click to download

File Size   233.22 Kbytes
Page   10 Pages
Manufacturer  WCH [Nanjing Qinheng Microelectronics Co., Ltd.]
Direct Link  http://wch.cn/
Logo WCH - Nanjing Qinheng Microelectronics Co., Ltd.
Description USB Convert serial port chip

CH340B Datasheet (HTML) - Nanjing Qinheng Microelectronics Co., Ltd.


CH340B Product details

Features
● Full-speed USB device interface, compatible with USB V2.0.
● Simulate standard serial port, used to upgrade original serial port peripherals, or add additional serial ports through USB.
● The serial port application under the Windows operating system on the computer side is fully compatible and does not need to be modified.
● Hardware full-duplex serial port, built-in transceiver buffer, supports communication baud rate of 50bps~2Mbps.
● Supports commonly used MODEM contact signals RTS, DTR, DCD, RI, DSR, and CTS.
● Provide RS232, RS485, RS422 and other interfaces through external level conversion devices.
● CH340R chip supports IrDA standard SIR infrared communication and supports baud rate from 2400bps to 115200bps.
● Built-in firmware and software compatible with CH341, you can directly use the VCP driver of CH341.
● Supports 5V power supply voltage and 3.3V power supply voltage.
● CH340C/N/K/E/X/B has built-in clock, no need for external crystal oscillator. CH340B also has built-in EEPROM for configuring serial number, etc.
● Provide SOP-16, SOP-8 and SSOP-20 as well as ESSOP-10 and MSOP-10 lead-free packages, compatible with RoHS.




Similar Part No. - CH340B

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH340BPT CHENMKO-CH340BPT Datasheet
389Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 350 mAmperes
More results


Similar Description - CH340B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410 TI-TUSB3410 Datasheet
317Kb / 92P
USB TO SERIAL PORT CONTROLLER
logo
List of Unclassifed Man...
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
USB to Combo Serial & Printer Port
logo
Texas Instruments
TUSB3410 TI-TUSB3410_10 Datasheet
1Mb / 98P
USB to Serial Port Controller
TUSB3410-Q1 TI1-TUSB3410-Q1 Datasheet
1,009Kb / 94P
USB To Serial Port Controller
logo
Analog Devices
PM7543 AD-PM7543 Datasheet
739Kb / 12P
12-BIT SERIAL INPUT MULTIPLYING CMOS D/A CONVERT
REV. D
logo
Nanjing Qinheng Microel...
CH340 WCH-CH340 Datasheet
148Kb / 6P
USB to serial chip
logo
List of Unclassifed Man...
CH341A ETC2-CH341A Datasheet
198Kb / 14P
CH341 is a USB bus convert chip, providing UART, printer port, parallel and synchronous serial with 2-wire or 4-wire through USB bus
CH341A ETC-CH341A Datasheet
179Kb / 14P
USB bus convert chip
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
USB 2.0 4-Port USB Serial DB
USBG-4X232P1 COOLGEAR-USBG-4X232P1 Datasheet
489Kb / 2P
USB 4-Port Serial Adapter - USB 2.0 to DB-9 Port RS232 with FTDI CHIP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com