Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9851 Datasheet (PDF) - Maxim Integrated Products

MAX9851 Datasheet PDF - Maxim Integrated Products
Part # MAX9851
Download  MAX9851 Download
File Size   1119.14 Kbytes
Page   71 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs

MAX9851 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9851 Datasheet PDF - Maxim Integrated Products

Part # MAX9851
Download  MAX9851 Click to download

File Size   1119.14 Kbytes
Page   71 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs

MAX9851 Datasheet (HTML) - Maxim Integrated Products


MAX9851 Product details

General Description
The MAX9851/MAX9853 are single-chip, stereo audio CODECs designed to provide a complete audio solution for a GSM/GPRS/EDGE cell phone. The MAX9851/MAX9853 provide stereo DirectDriveTM headphone amplifiers, a mono receiver speaker amplifier, stereo Class D speaker amplifiers (MAX9851 only), stereo differential line outputs (MAX9853 only), microphone input amplifiers, plus flexible input selection and gain control. Two serial digital audio interfaces are included, one intended to accept voiceband data and the other accepting I2S data. The voiceband interface can be reconfigured as needed to act as a secondary I2S feed input—allowing multiple audio source mixing of ringer tones or other audio at different sample rates. A transducer/vibrator signal can be derived from digital audio.

Features
♦ +1.7V to +3.3V (Digital) and +2.6V to +3.3V (Analog) Operation
♦ +2.6V to +5.5V Class D Speaker Amplifier Operation (Direct from Battery)
♦ Low 26mW Quiescent Power Consumption (Playback)
♦ High 98dB Power-Supply Rejection Ratio
♦ 8kHz to 48kHz Sample Rate (Replay and Record)
♦ Stereo 18-Bit ADC and DAC
♦ Low-Noise Stereo Microphone Inputs and Stereo Line Inputs
♦ Dual Source Digital Mixing (DAC)
♦ Selectable Voiceband Filter for Recording/Playback Modes
♦ Digital Filtering, Soft Mute, and Volume Control
♦ Low-Noise, High-PSRR Microphone Bias Generator
♦ Stereo DirectDrive Headphone Amplifier (2 x 50mW)
♦ Mono DirectDrive Handset Receiver Amplifier (1 x 105mW)
♦ Stereo Class D, Ultra-Low-EMI, Filterless Speaker Amplifier with Active Emissions Limiting (2 x 1.25W, 8Ω) (MAX9851)
♦ Stereo Differential Line Output Amplifiers (MAX9853)
♦ Clickless/Popless Operation
♦ Flexible Shutdown Modes for Power Saving
♦ Comprehensive Headset Detection
♦ Ultra-Low Power Wake-Up on Headset Detection

Applications
   GSM/GPRS/EDGE Cell Phones
   PDAs/SmartPhones




Similar Part No. - MAX9851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9851ETM+ MAXIM-MAX9851ETM+ Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
More results


Similar Description - MAX9851

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com