Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA500 Datasheet (PDF) - Texas Instruments

INA500 Datasheet PDF - Texas Instruments
Part # INA500
Download  INA500 Download
File Size   2105.2 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance

INA500 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA500 Datasheet PDF - Texas Instruments

Part # INA500
Download  INA500 Click to download

File Size   2105.2 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance

INA500 Datasheet (HTML) - Texas Instruments


INA500 Product details

1 Features
• Optimized for small-size, low-power, and low-cost
• >1MΩ Ultra-high input impedance
• Three gain options (G = 1, 0.50, and 0.25)
• Good precision for 8-bit to 12-bit systems
– CMRR: 87dB (typical)
– Gain error: ±0.01% (typical)
– Offset voltage: ±0.70mV (typical)
• Space saving 0.8mm2 X2SON package
• Bandwidth: 125kHz (typical)
• Drives 200pF with <20% overshoot (typical)
• Low quiescent current: 13.5μA (typical)
• Supply range: 1.7V (±0.85V) to 5.5V (±2.75V)
• Specified temperature range: –40°C to 125°C

2 Applications
• Battery cell formation and test equipment
• String inverter
• EV charging station power module
• Battery energy storage system
• Power tools
• Industrial AC-DC
• Wearable fitness and activity monitor

3 Description
INA500 is a difference amplifier with integrated opamp
and matched resistors that offers three gain
options. INA500A version offers gain option of 1, while
INA500B and INA500C versions offer gain options of
0.50 and 0.25 respectively.
These are voltage sensing INAs in difference amplifier
configuration with high input impedance of >1MΩ and
low quiescent current of 13.5μA. The device achieves
75dB of minimum CMRR and an accurate ±0.05% of
maximum gain error, along with 3.5mV of maximum
offset (referred to output) in G = 1 configuration. The
device can handle up to 27.5V (±13.75V) of input
common-mode voltage in G = 0.25 with 5.5V (±2.75V)
of supply voltage. The combination of specifications
noted above makes INA500 a great choice for a
variety of level translation and battery monitoring
applications.
The precision matched integrated resistors of INA500
saves BOM costs and board space by removing the
need for precise and low tolerance external resistors.
The INA500 can interface directly to low-speed, 8-bit
to 12-bit, analog-to-digital converters (ADC) and is an
excellent choice for replacing discrete implementation
of difference amplifiers built with commodity amplifiers
and discrete resistors. INA500 is offered in standard
6-pin packages such as SOT-23 and SC70 as well as
the space saving, X2SON package.




Similar Part No. - INA500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA500 TI1-INA500 Datasheet
2Mb / 39P
INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
JANUARY 2024
INA500 TI1-INA500 Datasheet
3Mb / 50P
INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
MARCH 2024
INA500 TI1-INA500 Datasheet
3Mb / 50P
INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
MARCH 2024
logo
Isahaya Electronics Cor...
INA5001AC1 ISAHAYA-INA5001AC1 Datasheet
157Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE (mini type)
INA5001AP1 ISAHAYA-INA5001AP1 Datasheet
158Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Similar Description - INA500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Maxim Integrated Produc...
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX25308EVKIT MAXIM-MAX25308EVKIT Datasheet
671Kb / 8P
1.7V to 5.5V Input Voltage Range
Rev 0; 4/21
MAX25301EVKIT MAXIM-MAX25301EVKIT Datasheet
579Kb / 7P
1.7V to 5.5V Input Range
Rev 0; 8/20
logo
Texas Instruments
INA350 TI-INA350 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V01 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V02 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
APRIL 2022
INA350 TI1-INA350_V03 Datasheet
3Mb / 44P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com