Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMXRT500EC Datasheet (PDF) - NXP Semiconductors

IMXRT500EC Datasheet PDF - NXP Semiconductors
Part # IMXRT500EC_V02
Download  IMXRT500EC Download
File Size   1544.71 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX RT500 Low-Power Crossover Processor

IMXRT500EC Datasheet (PDF)

Go To PDF Page Download Datasheet
IMXRT500EC Datasheet PDF - NXP Semiconductors

Part # IMXRT500EC_V02
Download  IMXRT500EC Click to download

File Size   1544.71 Kbytes
Page   128 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description i.MX RT500 Low-Power Crossover Processor

IMXRT500EC Datasheet (HTML) - NXP Semiconductors


IMXRT500EC Product details

The i.MX RT500 is a family of dual-core microcontrollers for
embedded applications featuring an Arm Cortex-M33 CPU
combined with a Cadence® Xtensa® Fusion F1 Audio Digital
Signal Processor CPU. The Cortex-M33 includes two hardware
coprocessors providing enhanced performance for an array of
complex algorithms along with a 2D Vector GPU with LCD
Interface and MIPI DSI PHY. The family offers a rich set of
peripherals and very low power consumption. The device has up
to 5 MB SRAM, two FlexSPIs (Octal/Quad SPI Interfaces) each
with 32 KB cache, one with dynamic decryption, high-speed USB
device/host + PHY, 12-bit 1 MS/s ADC, Analog Comparator,
Audio subsystems supporting up to 8 DMIC channels, 2D GPU
and LCD Controller with MIPI DSI PHY, SDIO/eMMC; FlexIO;
AES/SHA/Crypto M33 coprocessor and PUF key generation

Control processor core
• Arm Cortex-M33 processor, running at frequencies of
up to 275 MHz
• Arm TrustZone
• Arm Cortex-M33 built-in Memory Protection Unit (MPU)
supporting eight regions
• Single-precision Hardware Floating Point Unit (FPU).
• Arm Cortex-M33 built-in Nested Vectored Interrupt
Controller (NVIC).
• Non-maskable Interrupt (NMI) input.
• Two coprocessors for the Cortex-M33: a hardware
accelerator for fixed and floating point DSP functions
(PowerQuad) and a Crypto/FFT engine (Casper). The
DSP coprocessor uses a bank of four dedicated 8 KB
SRAMs. The Crypto/FFT engine uses a bank of two 2
KB SRAMs that are also AHB accessible by the CPU
and the DMA engine.
• Serial Wire Debug with eight break points, four watch
points, and a debug timestamp counter. It includes
Serial Wire Output (SWO) trace and ETM trace.
• Cortex-M33 System tick timer
DSP processor core
• Cadence Tensilica Fusion F1 DSP processor, running
at frequencies of up to 275 MHz.
• Hardware Floating Point Unit.
• Serial Wire Debug (shared with Cortex-M33 Control
Domain CPU).
Communication interface
• Up to 9-12 configurable universal serial interface
modules (Flexcomm Interfaces). Each module
contains an integrated FIFO and DMA support.
Each of the nine modules can be configured as:
• A USART with dedicated fractional baud rate
generation and flow-control handshaking
signals. The USART can optionally be clocked
at 32 kHz and operated when the chip is in
reduced power mode, using either the 32 kHz
clock or an externally supplied clock. The
USART also provides partial support for
LIN2.2.
• An I2C-bus interface with multiple address
recognition, and a monitor mode. It supports
400 Kb/sec Fast-mode and 1 Mb/sec Fastmode
Plus. It also supports 3.4 Mb/sec highspeed
when operating in slave mode.
• An SPI interface.
• An I2S (Inter-IC Sound) interface for digital
audio input or output. Each I2S supports up to
four channel-pairs.
• Two additional high-speed SPI interfaces supporting
50 MHz operation
• One additional I2C interface with open-drain pads
• Two I3C bus interfaces
• A digital microphone interface supporting up to 8
channels with associated decimators and Voice




Similar Part No. - IMXRT500EC_V02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT500EC NXP-IMXRT500EC Datasheet
1Mb / 119P
i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
Rev. 0.1, 04/2021
More results


Similar Description - IMXRT500EC_V02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1020CEC NXP-IMXRT1020CEC Datasheet
1Mb / 95P
i.MX RT1020 Crossover Processors for Consumer
Rev. 0, 06/2018
IMXRT1050CEC NXP-IMXRT1050CEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Consumer
Rev. 1, 03/2018
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMXRT1060IEC NXP-IMXRT1060IEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Industrial Products
Rev. 0.2, 02/2020
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT500EC NXP-IMXRT500EC Datasheet
1Mb / 119P
i.MX RT500 Low-Power Crossover Processor Data Sheet with Addendum
Rev. 0.1, 04/2021
IMXRT1020IEC NXP-IMXRT1020IEC Datasheet
1Mb / 100P
i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
IMXRT1060IEC NXP-IMXRT1060IEC_V01 Datasheet
1Mb / 114P
i.MX RT1060 Crossover Processors for Industrial Products
07/2020
IMXRT1060XXEC NXP-IMXRT1060XXEC Datasheet
1Mb / 103P
i.MX RT1060X Crossover Processors for Extended Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com