Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017AAT/2 Datasheet (PDF) - NXP Semiconductors

TEA2017AAT/2 Datasheet PDF - NXP Semiconductors
Part # TEA2017AAT/2
Download  TEA2017AAT/2 Download
File Size   608.46 Kbytes
Page   65 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital configurable LLC and multimode PFC controller

TEA2017AAT/2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA2017AAT/2 Datasheet PDF - NXP Semiconductors

Part # TEA2017AAT/2
Download  TEA2017AAT/2 Click to download

File Size   608.46 Kbytes
Page   65 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital configurable LLC and multimode PFC controller

TEA2017AAT/2 Datasheet (HTML) - NXP Semiconductors


TEA2017AAT/2 Product details

1 General description
The TEA2017AAT is a digital configurable LLC and PFC combo controller for highefficiency
resonant power supplies. It includes the LLC controller and PFC controller
functionality. The PFC can be configured to operate in DCM/QR, CCM fixed frequency,
or multimode which supports all operation modes to optimize the PFC efficiency. The
TEA2017AAT enables building a complete resonant power supply which is easy to
design and has a very low component count. The TEA2017AAT comes in a low profile
and narrow body-width SO16 package.
The TEA2017AAT digital architecture is based on a high-speed configurable hardware
state machine ensuring very reliable real-time performance. During the power supply
development, many operation and protection settings of the LLC and PFC controller
can be adjusted by loading new settings into the device to meet specific application
requirements. The configurations can be fully secured to prevent unauthorized copying of
the proprietary TEA2017AAT configuration content.
In contrast to traditional resonant topologies, the TEA2017AAT shows a very high
efficiency at low loads due to the LLC low-power mode. This mode operates in the power
region between continuous switching (also called high-power mode) and burst mode.
Because the TEA2017AAT regulates the LLC output voltage of the system via the
primary capacitor voltage, it has accurate information about the power delivered to the
output. This measured output power defines the mode of operation (burst mode, lowpower
mode, or high-power mode). The transition levels of the operating modes can be
easily programmed into the device.
The TEA2017AAT contains all protections like overtemperature protection (OTP),
overcurrent protection (OCP), overvoltage protection (OVP), overpower protection (OPP),
open-loop protection (OLP), and capacitive mode regulation (CMR). Each of these
protections can be configured independently and accurately by programming parameters
inside the device.
The device contains both a low-voltage and high-voltage silicon technology for highvoltage
start-up, integrated drivers, level shifter, protections, and circuitry assuring zerovoltage
switching.
The TEA2017AAT/TEA2095T combination gives an easy to design, highly efficient,
and reliable power supply, providing 90 W to 1000 W, with a minimum of external
components. The system provides a very low no-load input power (< 75 mW; total
system including the TEA2017AAT/TEA2095T combination) and high efficiency from
minimum to maximum load. This power supply meets the efficiency regulations of Energy
Star, the Department of Energy, the Eco-design directive of the European Union, the
European Code of Conduct, and other guidelines. So, any auxiliary low-power supply can
be omitted. To enhance readability, only typical values are given in this document, except in the
parametric tables (Section 9, Section 10, and Section 11). If values in the text differ from
the values for the same parameter in the parametric tables, the values in these tables are
leading.

2 Features and benefits
2.1 Distinctive features
• Complete functionality of a PFC and LLC controller in a single small-size SO16
package
• Integrated high-voltage start-up
• Integrated drivers and high-voltage level shifter (LS)
• High-side driver directly supplied from the low-side driver output
• Accurate boost voltage regulation
• PFC can be configured to operate in:
– DCM/QR
– DCM/QR/CCM (also called multimode operation)
– CCM fixed frequency
• Integrated X-capacitor discharge without additional external components
• Power good function
• PFC jitter for optimized EMI performance
• Excellent power factor (PF) and total harmonic distortion (THD), as the PFC current
compensates for the input filter current
• Several parameters can easily be configured during evaluation with use of the
graphical user interface (GUI), like:
– Operating frequencies to be outside the audible area at all operating modes
– Soft start and soft stop in burst mode, reducing the audible noise
– Accurate transition levels between operation modes (high-power mode/low-power
mode/burst mode)
– Enabling/disabling the lower power mode
2.2 Green features
• Valley/zero voltage switching for minimum switching losses
• Extremely high efficiency from low load to high load
• Compliant with latest energy-saving standards and directives (Energy Star, EuP)
• Excellent no-load input power (< 75 mW for TEA2017AAT/TEA2095T combination)
2.3 Protection features
• Independently configurable levels and timers
• Many protections can independently be set to latched, safe restart, or latched after
several attempts to restart.
• Supply undervoltage protection (UVP)
• Overpower protection (OPP)
• Internal and external overtemperature protection (OTP)
• Capacitive mode regulation (CMR)
• Accurate overvoltage protection (OVP)
• Overcurrent protection (OCP)
• Inrush current protection (ICP)
• Brownin/brownout protection
• Disable input

3 Applications
• Desktop and all-in-one PCs
• Gaming power supplies
• LCD television
• Notebook adapters and general-purpose adapters
• Printers
• Server
• 5G supplies
• UHD LED television




Similar Part No. - TEA2017AAT/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA2017AAT/2 NXP-TEA2017AAT/2 Datasheet
608Kb / 66P
Digital configurable LLC and multimode PFC controller
Rev. 1.2 - 31 July 2023
More results


Similar Description - TEA2017AAT/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA2017AAT NXP-TEA2017AAT Datasheet
605Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-14 June 2021
TEA2017ABT NXP-TEA2017ABT Datasheet
597Kb / 62P
Digital configurable LLC and DCM/QR PFC controller
Rev.1-24 February 2022
TEA6017AT NXP-TEA6017AT Datasheet
609Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-11 March 2022
TEA2017AAT NXP-TEA2017AAT_V01 Datasheet
621Kb / 69P
Digital configurable LLC and multimode PFC controller
Rev. 1.1 - 17 May 2023
TEA2017ABT NXP-TEA2017ABT_V01 Datasheet
614Kb / 67P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 17 May 2023
TEA2226AT NXP-TEA2226AT Datasheet
516Kb / 54P
Digital configurable LLC controller
Rev. 1 - 14 July 2023
TEA2017AAT NXP-TEA2017AAT_V02 Datasheet
608Kb / 66P
Digital configurable LLC and multimode PFC controller
Rev. 1.2 - 31 July 2023
TEA2017ABT NXP-TEA2017ABT_V02 Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2226AT NXP-TEA2226AT_V01 Datasheet
515Kb / 52P
Digital configurable LLC controller
Rev. 1.1 - 2 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com