Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1434730 Datasheet (PDF) - PHOENIX CONTACT

1434730 Datasheet PDF - PHOENIX CONTACT
Part # 1434730
Download  1434730 Download
File Size   579.58 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-12P- 1,0-35T/FS SH SCO - Sensor/actuator cable

1434730 Datasheet (PDF)

Go To PDF Page Download Datasheet
1434730 Datasheet PDF - PHOENIX CONTACT

Part # 1434730
Download  1434730 Click to download

File Size   579.58 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-12P- 1,0-35T/FS SH SCO - Sensor/actuator cable

1434730 Datasheet (HTML) - PHOENIX CONTACT


1434730 Product details

Sensor/actuator cable, 12-position, PUR/PVC, black RAL 9005, shielded (Tinned copper braided
shield), free cable end, on Socket straight M12 SPEEDCON, coding: A, cable length: 1 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Save space – with high-pos. connectors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1434730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434701 PHOENIX-1434701 Datasheet
60Kb / 2P
Termination resistor - SAC-5P-MINMS TR-DN
More results


Similar Description - 1434730

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402423 PHOENIX-1402423 Datasheet
119Kb / 7P
Sensor/Actuator cable - SAC-17P-MS/20,0-35T/FS SH SCO
1407787 PHOENIX-1407787 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 1,5-PUR/FS SH SCO
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1414114 PHOENIX-1414114 Datasheet
142Kb / 8P
Sensor/Actuator cable - SAC-17P-MS/3,0-35T/FS SH SCO
1416184 PHOENIX-1416184 Datasheet
46Kb / 1P
Sensor/actuator cable - SAC-17P-MS/1,0-35T/FS SH SCO
12/17/2018
1430255 PHOENIX-1430255 Datasheet
198Kb / 12P
Sensor/actuator cable - SAC-17P-MR/ 3,0-35T SH SCO
09/11/2020
1430336 PHOENIX-1430336 Datasheet
198Kb / 12P
Sensor/actuator cable - SAC-17P- 3,0-35T/FR SH SCO
09/11/2020
1446728 PHOENIX-1446728 Datasheet
76Kb / 3P
Sensor/actuator cable - SAC-12P-MS/ 1,0-35T/MS SH SCO
12/05/2018
1518423 PHOENIX-1518423 Datasheet
137Kb / 9P
Sensor/actuator cable - SAC-5P-MS/ 1,0-186/FS SCO
09/11/2020
1430271 PHOENIX-1430271 Datasheet
197Kb / 12P
Sensor/actuator cable - SAC-17P-MR/10,0-35T SH SCO
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com