Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C12A Datasheet (PDF) - NXP Semiconductors

PCF84C12A Datasheet PDF - NXP Semiconductors
Part # PCF84C12A
Download  PCF84C12A Download
File Size   89.28 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller

PCF84C12A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF84C12A Datasheet PDF - NXP Semiconductors

Part # PCF84C12A
Download  PCF84C12A Click to download

File Size   89.28 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller

PCF84C12A Datasheet (HTML) - NXP Semiconductors


PCF84C12A Product details

GENERAL DESCRIPTION
This data sheet details the specific properties of the PCF84C12A, PCF84C22A and PCF84C42A. The shared properties of the PCF84CxxxA family of microcontrollers are described in the “PCF84CxxxA family” data sheet, which should be read in conjunction with this publication. Note that the devices described in this data sheet do not feature I2C-bus compatibility or derivative logic, so the information given in the family data sheet about these features can be ignored.

FEATURES
• Manufactured in silicon gate CMOS process
• 8-bit CPU, ROM, RAM, I/O in a 20-lead package
• 1 kbyte ROM (PCF84C12A)
• 2 kbyte ROM (PCF84C22A)
• 4 kbyte ROM (PCF84C42A)
• 64 byte RAM
• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles
• 13 quasi-bidirectional I/O port lines
• 8-bit programmable timer/event counter 1
• Two single-level vectored interrupts:
   – external
   – 8-bit programmable timer/event counter 1
• Two test inputs, one of which also serves as the external interrupt input
• Stop and Idle modes
• Supply voltage: 2.5 to 5.5 V
• Clock frequency: 1 to 16 MHz
• Operating temperature: −40 to +85 °C.




Similar Part No. - PCF84C12A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
127Kb / 16P
8-bit microcontrollers
1996 Nov 20
PCF84C12AP PHILIPS-PCF84C12AP Datasheet
127Kb / 16P
8-bit microcontrollers
1996 Nov 20
PCF84C12AT PHILIPS-PCF84C12AT Datasheet
127Kb / 16P
8-bit microcontrollers
1996 Nov 20
More results


Similar Description - PCF84C12A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com