Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3169 Datasheet (PDF) - Enercon Technologies Europe AG

M3169 Datasheet PDF - Enercon Technologies Europe AG
Part # M3169
Download  M3169 Download
File Size   747.54 Kbytes
Page   12 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description SINGLE-OUTPUT, UP TO 1KW AC/DC POWER SUPPLY

M3169 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3169 Datasheet PDF - Enercon Technologies Europe AG

Part # M3169
Download  M3169 Click to download

File Size   747.54 Kbytes
Page   12 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description SINGLE-OUTPUT, UP TO 1KW AC/DC POWER SUPPLY

M3169 Datasheet (HTML) - Enercon Technologies Europe AG


M3169 Product details

THE MAIN FEATURES OF THE M3169 ARE:
➢ AC/DC Single output power supply up to 1kW
➢ 85VAC -265VAC /50-60Hz or 90VAC -180VAC / 400Hz Standard Input version, single-phase
➢ For extended input version - Please contact factory for more details
➢ High efficiency
➢ Wide input range
➢ High power factor
➢ Input / Output isolation
➢ Optional - Remote sense compensation - Please contact factory for more details
➢ EMI filters included
➢ Inrush Current Limiter
➢ Sustains high level of shocks and vibration, salt-fog, blowing rain, sand and dust.
➢ Sealed enclosure
➢ Non-latching protections:
o Overload/Short-circuit
o Output Overvoltage
o Over Temperature
o Input Undervoltage Lockout




Similar Part No. - M3169

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
M316 ADVANCEDENERGY-M316 Datasheet
179Kb / 4P
MIKRON M316
logo
MOSDESIGN SEMICONDUCTOR...
M3162 MOSDESIGN-M3162 Datasheet
241Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER
2007-10-11
M3162-IR MOSDESIGN-M3162-IR Datasheet
252Kb / 6P
DC APPLICATION SYNC RGB LED IC
2009-05-20
logo
MTRONPTI
M316FAN MTRONPTI-M316FAN Datasheet
303Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
M316FCN MTRONPTI-M316FCN Datasheet
303Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
More results


Similar Description - M3169

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS45 WALL-PSMPS45 Datasheet
157Kb / 3P
Single Output Up to 48 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
PSRL0601 WALL-PSRL0601 Datasheet
367Kb / 5P
Single Output Up to 320 Watts AC/DC Switching Power Supply
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
Single Output Up to 30 Watts AC/DC Desktop Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com