Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M362-4 Datasheet (PDF) - Enercon Technologies Europe AG

M362-4 Datasheet PDF - Enercon Technologies Europe AG
Part # M362-4
Download  M362-4 Download
File Size   583.37 Kbytes
Page   9 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description UNINTERRUPTIBLE POWER SUPPLY

M362-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
M362-4 Datasheet PDF - Enercon Technologies Europe AG

Part # M362-4
Download  M362-4 Click to download

File Size   583.37 Kbytes
Page   9 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description UNINTERRUPTIBLE POWER SUPPLY

M362-4 Datasheet (HTML) - Enercon Technologies Europe AG


M362-4 Product details

PRODUCT HIGHLIGHTS
• FULL COMPLIANCE WITH MIL-STD-1399 (SECTION 300B)
• 3U RACKMOUNT
• 2.5KW/3KVA UPS
• LONG HOLDUP TIME 2 HR @ 1KW/ 1 HR @ 2KW

M362-4 MAIN FEATURES:
• 19”, 3U Rack-mount, 18.25” deep with recessed I/O connectors to fit in shallow racks.
• Full Compliance with MIL-STD-1399 (Section 300B), Type-I Power (115VAC/60Hz, Delta).
• 115/230VAC Input selectable (output, including in By-pass, is always 115VAC).
• Internal Input Isolation Transformer.
• Accepts up to four external Battery Packs (at least one external Battery Pack must be used).
• Long Holdup time: over 2 hours at 1KW and one hour at 2KW (with four M333-4 Battery Packs).
• Real sine-wave 115VAC/60Hz output, synthesized from a crystal oscillator.
• Very low Input Current Harmonic and high Power factor (MIL-STD-1399-300B compliant).
• Inrush Current limiting (MIL-STD-1399-300B compliant).
• Very low input-to-chassis capacitance (MIL-STD-1399-300B and MIL-STD-461E compliant).
• Full galvanic isolation between Input, Chassis GND and Output.
• 1000V / 50μs spike capability (MIL-STD-1399-300B compliant).
• Complies with MIL-STD-461E.
• Complies with MIL-S-901D (Grade A, Class I &2) and MIL-STD-167-1 (Type I).
• Remote Panel ON/OFF capability.
• By-pass mode, via internal Power Conditioner, Isolation Transformer and Relays.
• RS-232 or Ethernet SNMP v1, v2 or v3 Control and Monitor.
• J-STD-001B and IPC-610A Class-3 Workmanship.
• Conformal Coating of PWBs per MIL-I-46058C and IPC-CC-830.




Similar Part No. - M362-4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M3624A INTEL-M3624A Datasheet
151Kb / 2P
4K(512 x 8) HIGH-SPEED PROM
More results


Similar Description - M362-4

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
CATV Uninterruptible Power Supply
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
Uninterruptible power supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
Uninterruptible Power Supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
Uninterruptible Power Supply
FDD8N50NZ FAIRCHILD-FDD8N50NZ Datasheet
612Kb / 8P
Uninterruptible Power Supply
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
Uninterruptible Power Supply
Rev 3
logo
PHOENIX CONTACT
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
Uninterruptible power supply -TRIOUPS-
09/12/2020
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
Uninterruptible power supply -TRIOUPS-
09/12/2020
107563 PHOENIX-107563 Datasheet
925Kb / 34P
Uninterruptible power supply
2018-05-02
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
Uninterruptible Power Supply (UPS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com