Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4054 Datasheet (PDF) - Enercon Technologies Europe AG

M4054 Datasheet PDF - Enercon Technologies Europe AG
Part # M4054
Download  M4054 Download
File Size   1153.23 Kbytes
Page   17 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description DC/DC POWER SUPPLY

M4054 Datasheet (PDF)

Go To PDF Page Download Datasheet
M4054 Datasheet PDF - Enercon Technologies Europe AG

Part # M4054
Download  M4054 Click to download

File Size   1153.23 Kbytes
Page   17 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description DC/DC POWER SUPPLY

M4054 Datasheet (HTML) - Enercon Technologies Europe AG


M4054 Product details

PRODUCT HIGHLIGHTS
• VITA 62 COMPLIANT
• SOSATM ALIGNED
• 3U FORM FACTOR
• 18 to 48VDC Standard Version Input
• UP TO 800 W
• OPERATING TEMP: –55°C to +85°C
• EMI: Compliant to MIL-STD-461G
• Environmental: MIL-STD-810
• Input Options:

SPECIAL FEATURES
➢ VITA 62 Compliant
➢ Aligned with the SOSATM Technical Standard
➢ Wide input range
➢ Up to 800W output power¹
➢ Remote sense
➢ Fixed switching frequency (220 kHz)
➢ External synchronization capability
➢ Indefinite short circuit Protection
➢ Over-voltage shutdown with auto-recovery
➢ Reverse battery protection
➢ Over temperature shutdown with auto-recovery
➢ EMI filters included
➢ System Management: protocol per VITA 46.11 Tier II
o Output voltages and currents
o Input voltage
o Card temperature
o Card system status
o MIL-STD-704
o MIL-STD-1275
o DEF-STAN 61-5
• Cyber secure




Similar Part No. - M4054

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
M405 BK-M405 Datasheet
2Mb / 89P
3.3 GHz/8.5 GHz Spectrum Analyzer
logo
Enercon Technologies Eu...
M4050 ENERCON-M4050 Datasheet
957Kb / 12P
DC/DC POWER SUPPLY
Oct 26, 2021
logo
Mitsubishi Electric Sem...
M4052BFP MITSUBISHI-M4052BFP Datasheet
285Kb / 4P
DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M4052BP MITSUBISHI-M4052BP Datasheet
285Kb / 4P
DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Similar Description - M4054

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
MORNSUN Science& Techno...
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3 Datasheet
339Kb / 6P
DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
DC/DC Power Supply Module
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
DC/DC Power Supply Module
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
Power Supply DC-DC Converters
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
DC POWER SUPPLY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com