Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPL1163 Datasheet (PDF) - Qorvo, Inc

QPL1163 Datasheet PDF - Qorvo, Inc
Part # QPL1163
Download  QPL1163 Download
File Size   1673.54 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 Ω 19dB CATV Amplifier (5 – 1218 MHz)

QPL1163 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPL1163 Datasheet PDF - Qorvo, Inc

Part # QPL1163
Download  QPL1163 Click to download

File Size   1673.54 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 Ω 19dB CATV Amplifier (5 – 1218 MHz)

QPL1163 Datasheet (HTML) - Qorvo, Inc


QPL1163 Product details

Key Features
 High Gain: 19dB at 1218 MHz
 5 – 1218 MHz BW
 OIP3: +42 dBm, Downstream 50 – 1218 MHz
 OP1dB: 26 dBm, Downstream 50 – 1218 MHz
 Low Noise Figure: < 2.4 dB, Full Band
 Excellent Composite Distortion
 pHEMT GaAs device technologies
 Compact Size: 8-pin SOIC
 5 to 8V supply voltage operation




Similar Part No. - QPL1163

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL1000 QORVO-QPL1000 Datasheet
780Kb / 14P
8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
QPL1000EVB QORVO-QPL1000EVB Datasheet
780Kb / 14P
8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
QPL1000SR QORVO-QPL1000SR Datasheet
780Kb / 14P
8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
logo
TriQuint Semiconductor
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
June 26, 2017
More results


Similar Description - QPL1163

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2461 SKYWORKS-ACA2461 Datasheet
540Kb / 10P
1218 MHz CATV CATV Push-Pull Driver Amplifier
logo
Qorvo, Inc
QPB7420 QORVO-QPB7420 Datasheet
1Mb / 18P
75 20 dB CATV Amplifier 47 ??1218 MHz
QPB7425 QORVO-QPB7425 Datasheet
1Mb / 24P
75 25 dB CATV Amplifier (47 ??1218 MHz)
logo
Skyworks Solutions Inc.
ACA2417 SKYWORKS-ACA2417 Datasheet
468Kb / 10P
1218 MHz CATV Push-Pull Driver Amplifier
ACA2460 SKYWORKS-ACA2460 Datasheet
499Kb / 10P
1218 MHz CATV Push-Pull Driver Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
Qorvo, Inc
QPL1812 QORVO-QPL1812 Datasheet
1Mb / 11P
75廓 CATV,19dB Gain, Single Ended Amplifier, 50 ??1800MHz
QPB7420 QORVO-QPB7420_V01 Datasheet
1Mb / 22P
75 廓 20 dB CATV Amplifier 47 ??1218 MHz
Aug 30, 2021
QPB7425 QORVO-QPB7425_V01 Datasheet
2Mb / 30P
75 廓 25 dB CATV Amplifier (47 ??1218 MHz)
August 25, 2021
QPA8840 QORVO-QPA8840 Datasheet
1Mb / 14P
75 Ω 22dB CATV Amplifier (50 – 1800 MHz)
April 5, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com