Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPL3050 Datasheet (PDF) - Qorvo, Inc

QPL3050 Datasheet PDF - Qorvo, Inc
Part # QPL3050
Download  QPL3050 Download
File Size   770.7 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 6 – 14 GHz Driver Amplifier

QPL3050 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPL3050 Datasheet PDF - Qorvo, Inc

Part # QPL3050
Download  QPL3050 Click to download

File Size   770.7 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 6 – 14 GHz Driver Amplifier

QPL3050 Datasheet (HTML) - Qorvo, Inc


QPL3050 Product details

Product Features
• Frequency Range: 6 – 14 GHz
• Small Signal Gain: 19 dB
• P1dB: 20 dBm
• Saturated Power: 22 dBm
• OIP3: 43 dBc @ Pout = 5 dBm / tone
• Noise Figure: 4.0 dB
• Bias: VDD = 5 V, IDQ = 74 mA
• Plastic Overmold Package
• Package Dimensions: 3.0 x 3.0 x 0.85 mm
Performance is typical across frequency. Please reference electrical specification table and data plots for more details.




Similar Part No. - QPL3050

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL1000 QORVO-QPL1000 Datasheet
780Kb / 14P
8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
QPL1000EVB QORVO-QPL1000EVB Datasheet
780Kb / 14P
8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
QPL1000SR QORVO-QPL1000SR Datasheet
780Kb / 14P
8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
logo
TriQuint Semiconductor
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
0.03 ??3 GHz GaN LNA
June 26, 2017
More results


Similar Description - QPL3050

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD158 MMIC-CMD158 Datasheet
207Kb / 10P
6-16 GHz Driver Amplifier
CMD158C4 MMIC-CMD158C4 Datasheet
248Kb / 10P
6-16 GHz Driver Amplifier
CMD158P3 MMIC-CMD158P3 Datasheet
293Kb / 10P
6-14 GHz Driver Amplifier
CMD231 MMIC-CMD231 Datasheet
233Kb / 12P
2-6 GHz Driver Amplifier
CMD305 MMIC-CMD305 Datasheet
229Kb / 12P
6-16 GHz Driver Amplifier
logo
Qorvo, Inc
CMD305P3 QORVO-CMD305P3 Datasheet
725Kb / 13P
6-14 GHz Driver Amplifier
CMD305C4 QORVO-CMD305C4 Datasheet
377Kb / 13P
6-16 GHz Driver Amplifier
CMD305 QORVO-CMD305 Datasheet
566Kb / 13P
6-16 GHz Driver Amplifier
CMD231 QORVO-CMD231 Datasheet
233Kb / 12P
2-6 GHz Driver Amplifier
CMD231C3 QORVO-CMD231C3 Datasheet
261Kb / 12P
2-6 GHz Driver Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com