Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPL7420SB Datasheet (PDF) - Qorvo, Inc

QPL7420SB Datasheet PDF - Qorvo, Inc
Part # QPL7420SB
Download  QPL7420SB Download
File Size   2690.68 Kbytes
Page   33 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 Ω 20 dB CATV Amplifier 5 – 1800 MHz

QPL7420SB Datasheet (PDF)

Go To PDF Page Download Datasheet
QPL7420SB Datasheet PDF - Qorvo, Inc

Part # QPL7420SB
Download  QPL7420SB Click to download

File Size   2690.68 Kbytes
Page   33 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 Ω 20 dB CATV Amplifier 5 – 1800 MHz

QPL7420SB Datasheet (HTML) - Qorvo, Inc


QPL7420SB Product details

Key Features
• 5 MHz to 1800 MHz Operation
• 3 V, 5 V, and 8 V Operation
• Gain; 20 dB Typical
• Noise Figure; 1.1 dB Typical at 850 MHz
• Adjustable Bias Using External Resistors
• Convenient QFN Package
• RoHS Compliant




Similar Part No. - QPL7420SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL7425 QORVO-QPL7425 Datasheet
2Mb / 33P
75 Ω 25 dB CATV Amplifier 5 – 1218 MHz
August 30, 2023
QPL7425EVB-01 QORVO-QPL7425EVB-01 Datasheet
2Mb / 33P
75 Ω 25 dB CATV Amplifier 5 – 1218 MHz
August 30, 2023
QPL7425EVB-02 QORVO-QPL7425EVB-02 Datasheet
2Mb / 33P
75 Ω 25 dB CATV Amplifier 5 – 1218 MHz
August 30, 2023
QPL7425SB QORVO-QPL7425SB Datasheet
2Mb / 33P
75 Ω 25 dB CATV Amplifier 5 – 1218 MHz
August 30, 2023
QPL7425SR QORVO-QPL7425SR Datasheet
2Mb / 33P
75 Ω 25 dB CATV Amplifier 5 – 1218 MHz
August 30, 2023
More results


Similar Description - QPL7420SB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Qorvo, Inc
QPB7420 QORVO-QPB7420 Datasheet
1Mb / 18P
75 20 dB CATV Amplifier 47 ??1218 MHz
QPB7425 QORVO-QPB7425 Datasheet
1Mb / 24P
75 25 dB CATV Amplifier (47 ??1218 MHz)
QPL1810 QORVO-QPL1810 Datasheet
1Mb / 12P
75 20 dB CATV Amplifier 50 ??1800 MHz
QPB7420 QORVO-QPB7420_V01 Datasheet
1Mb / 22P
75 廓 20 dB CATV Amplifier 47 ??1218 MHz
Aug 30, 2021
QPB7425 QORVO-QPB7425_V01 Datasheet
2Mb / 30P
75 廓 25 dB CATV Amplifier (47 ??1218 MHz)
August 25, 2021
logo
Analog Devices
ADCA5191 AD-ADCA5191 Datasheet
967Kb / 24P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
logo
Qorvo, Inc
QPA8840 QORVO-QPA8840 Datasheet
1Mb / 14P
75 Ω 22dB CATV Amplifier (50 – 1800 MHz)
April 5, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com