Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1425019 Datasheet (PDF) - PHOENIX CONTACT

1425019 Datasheet PDF - PHOENIX CONTACT
Part # 1425019
Download  1425019 Download
File Size   632.89 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSL/1,5-290/FSL FE - Power cable

1425019 Datasheet (PDF)

Go To PDF Page Download Datasheet
1425019 Datasheet PDF - PHOENIX CONTACT

Part # 1425019
Download  1425019 Click to download

File Size   632.89 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSL/1,5-290/FSL FE - Power cable

1425019 Datasheet (HTML) - PHOENIX CONTACT


1425019 Product details

Power cable, 5-position, PUR halogen-free, gray RAL 7001, Plug straight M12, coding: L, on
Socket straight M12, coding: L, cable length: 1.5 m, For direct current up to 12 A/63 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special L-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1425019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425010 PHOENIX-1425010 Datasheet
180Kb / 10P
Power cable - SAC-5P-M12MSL/0,6-280/FSL FE
09/11/2020
1425011 PHOENIX-1425011 Datasheet
699Kb / 16P
SAC-5P-M12MSL/1,5-280/FSL FE - Power cable
1425012 PHOENIX-1425012 Datasheet
128Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1425013 PHOENIX-1425013 Datasheet
126Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1425014 PHOENIX-1425014 Datasheet
126Kb / 4P
Easy and safe: 100% electrically tested plug-in components
More results


Similar Description - 1425019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1693487 PHOENIX-1693487 Datasheet
116Kb / 3P
SAC-5P-1,5-PUR/AD-2L
1224229 PHOENIX-1224229 Datasheet
2Mb / 5P
Sensor/actuator cable - SAC-5P-P12MR/ 1,5-PUR/P12FS
01/13/2022
1404039 PHOENIX-1404039 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/1,5-600 HD
09/11/2020
1414790 PHOENIX-1414790 Datasheet
145Kb / 10P
Power cable - SAC-5P- 3,0-280/M12FSL FE
09/11/2020
1414833 PHOENIX-1414833 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PUR PE
09/12/2020
1414835 PHOENIX-1414835 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PVC PE
09/12/2020
1414884 PHOENIX-1414884 Datasheet
147Kb / 9P
Power cable - SAC-5P-M12MSL/ 1,5-280 FE SH
09/12/2020
1415683 PHOENIX-1415683 Datasheet
148Kb / 11P
Sensor/actuator cable - SAC-5P- 1,5-PVC/M12FS
09/11/2020
1425010 PHOENIX-1425010 Datasheet
180Kb / 10P
Power cable - SAC-5P-M12MSL/0,6-280/FSL FE
09/11/2020
1476899 PHOENIX-1476899 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com