Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

303 Datasheet (PDF) - Enercon Technologies Europe AG

303 Datasheet PDF - Enercon Technologies Europe AG
Part # 303
Download  303 Download
File Size   820.1 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB

303 Datasheet (PDF)

Go To PDF Page Download Datasheet
303 Datasheet PDF - Enercon Technologies Europe AG

Part # 303
Download  303 Click to download

File Size   820.1 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB

303 Datasheet (HTML) - Enercon Technologies Europe AG


303 Product details

PRODUCT DESCRIPTION
The MILTECH™ 303 USB hub enables the connectivity
and communication between multiple USB devices in
weight and space-constrained fixed-wing/rotor aircraft,
soldier carry and harsh environments. This MIL-STD,
rugged USB hub features 5 USB 3. ports, a dedicated
External Power Port, and a gigabit Ethernet port.
With a wide voltage range of 12-28VDC and up to 2A
downstream power per port, the MILTECH 303 supports
the four most popular battery charging profiles (DCP, CDP,
SDP and custom profiles via SMBus or OTP) to power
and charge USB devices including portable handhelds,
storage, sensors, human interface devices and GPS.
The optional internal Ethernet interface allows
the USB host machine to communicate with
upstream devices over a standard wired and
wireless Ethernet network, further extending the
flexibility of the hub and attached USB devices.
MILTECH™ 303 features mechanical packaging
enhancements designed for MIL-STD-810F airborne and
ground environmental compliance and high reliability.
The unit has been especially hardened to improve
ingress, impact, and shock/vibration protection. Passive
cooling allows for the elimination of moving parts. Sealed
connectors ensure protection against water and dust.
This flexible communications and power
management platform creates another “first” for
the military and rugged commercial markets. It
extends our commitment to unique, tailor-made
low-SWAP rugged communications solutions.




Similar Part No. - 303

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
303 DBLECTRO-303 Datasheet
310Kb / 1P
SCREW TYPE SERIES
logo
CTS Corporation
303 CTS-303 Datasheet
163Kb / 2P
Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Energizer
303 ENERGIZER-303 Datasheet
73Kb / 1P
Silver Oxide Batteries
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
logo
Ashcroft, Inc.
303 ASHCROFT-303 Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
More results


Similar Description - 303

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360004IND TRIPPLITE-U360004IND Datasheet
495Kb / 2P
4-Port Rugged Industrial USB 3.0 SuperSpeed Hub
logo
Texas Instruments
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com