Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

309 Datasheet (PDF) - Enercon Technologies Europe AG

309 Datasheet PDF - Enercon Technologies Europe AG
Part # 309
Download  309 Download
File Size   936.5 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Grade Ethernet Switch On Board (ESoB)

309 Datasheet (PDF)

Go To PDF Page Download Datasheet
309 Datasheet PDF - Enercon Technologies Europe AG

Part # 309
Download  309 Click to download

File Size   936.5 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Grade Ethernet Switch On Board (ESoB)

309 Datasheet (HTML) - Enercon Technologies Europe AG


309 Product details

PRODUCT DESCRIPTION
One of the most exciting advancement in technology
over the last decade has been unmanned vehicles
i n cluding:
• Unmanned aerial vehicles (UAVs) or Drones
• Land autonomous vehicles (UGVs)
• Robots
• Other unmanned support vehicles
These vehicles must be agile, compact and highly
intelligent. In order to support this sophisticated
intelligence, these platforms may have to carry and
connect a variety of Ethernet-based devices including
computers, sensors, and targeting systems - all in
compact platforms that must operate in extreme
e nvironmental conditions.
The MILTECH309 is a rugged, cost-effective, ultracompact
board-level Ethernet switching solution that
is the smallest solution available on the market today.
Equipped with 8 Fast Ethernet 10/100 ports, this board -
level switch is ideal for integrating in to system level
s olutions through board-to-board connectors.
The MILTECH 309 consumes only 2W of power and
uses 5VDC, which can be supplied through a USB
connection. Its ruggedized design feature mechanical
packaging enhancements designed for MILSTD-461E,
MILSTD-810F/G/GM and IP68 compliance when
installed in an appropriate enclosure.




Similar Part No. - 309

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
309 ETC2-309 Datasheet
122Kb / 1P
Measure Earth Resistance (20/200/2000廓 ranges)
logo
Marathon Special Produc...
309 MARATHON-309 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
Apex Electronics Co., L...
309-000X APEX-ELECTRONICS-309-000X Datasheet
175Kb / 3P
Slotted Bits
logo
Multicomp Pro
309-0010 MULTICOMP-309-0010 Datasheet
108Kb / 1P
Heat Sealer Spares
29/07/22 V1.0
logo
Apex Electronics Co., L...
309-00X APEX-ELECTRONICS-309-00X Datasheet
175Kb / 3P
Slotted Bits
More results


Similar Description - 309

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PLB2800 INFINEON-PLB2800 Datasheet
124Kb / 2P
Configurable Ethernet Switch-on-a-Chip
2003-05-01
logo
Kemet Corporation
C410C104 KEMET-C410C104 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
logo
List of Unclassifed Man...
RTH06BS103F ETC2-RTH06BS103F Datasheet
79Kb / 1P
NTC Military Grade Thermistors
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
Military Grade, Axial Leaded, Aluminum
logo
STATEK CORPORATION
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
Leaded Military Grade/High Shock
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
Custom Hybrid Military Grade Microcircuit
logo
Red Lion Controls. Inc
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
All Sensors Corporation
0.3PSI-G-4V-MIL-ND ASC-0.3PSI-G-4V-MIL-ND Datasheet
47Kb / 4P
Military Temperature Grade
Rev A
logo
Microchip Technology
EVB-KSZ9477 MICROCHIP-EVB-KSZ9477 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com