Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1108SF5 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1108SF5 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1108SF5
Download  LM1108SF5 Download
File Size   177.0 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 300mA C-MOS L.D.O. Regulator

LM1108SF5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1108SF5 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1108SF5
Download  LM1108SF5 Click to download

File Size   177.0 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 300mA C-MOS L.D.O. Regulator

LM1108SF5 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM1108SF5 Product details

DESCRIPTION

The LM1108 is a fixed output,high accuracy(typically ±0.5%) CMOS low drop-out regulator.

Total supply current is typically 50µA at full load (20 to 60 times lower than in bipolar regulators).

LM1108 key features include ultra low noise operation, very low dropout voltage (typically 240mV at full load), and fast response to step changes in load.



FEATURES

●ExtremelyLow SupplyCurrent(50µA,Typ.)

●VeryLow Dropout Voltage

●300mA Output Current

●Compatible with MLCC

●High Output Voltage Accuracy+/- 1.4 %

●Standardor Custom Output Voltages

●Over Currentand Over Temperature Protection

●Small input/output differential : 0.3V for full load

●Moisture SensitivityLevel 3



APPLICATIONS

●BatteryOperated Systems

●Portable Computers

●Portable Cameras and Video Recorders

●Medical Instruments

●Instrumentation

●Cellular/GSM/PHS Phones

●Linear Post-Regulators for SMPS

●Pagers



 




Similar Part No. - LM1108SF5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108SF5 HTC-LM1108SF5 Datasheet
216Kb / 4P
300mA CMOS L.D.O. Regulator
More results


Similar Description - LM1108SF5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1110N RICOH-R1110N Datasheet
177Kb / 23P
LOW NOISE 150mA L.D.O REGULATOR
logo
HTC Korea TAEJIN Techno...
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
1.5A Very L.D.O Voltage Regulator
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
1A L.D.O. VOLTAGE REGULATOR
LM1185SF HTC-LM1185SF Datasheet
169Kb / 4P
150 mA C-MOS L.D.O. Regulator
logo
ELM Technology Corporat...
ELM89121BC-S ELM-TECH-ELM89121BC-S Datasheet
190Kb / 21P
MOS 300mA LDO Voltage regulator
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
300mA CMOS L.D.O. Regulator
LM1185SF HTC-LM1185SF_08 Datasheet
176Kb / 4P
150 mA C-MOS L.D.O. Regulator
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
600mA CMOS L.D.O. Regulator
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
1.5A Very L.D.O Voltage Regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com