Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9024 Datasheet (PDF) - Enercon Technologies Europe AG

9024 Datasheet PDF - Enercon Technologies Europe AG
Part # 9024
Download  9024 Download
File Size   1535.91 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Managed 24-Port 1G Ethernet Router/Switch

9024 Datasheet (PDF)

Go To PDF Page Download Datasheet
9024 Datasheet PDF - Enercon Technologies Europe AG

Part # 9024
Download  9024 Click to download

File Size   1535.91 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Military Managed 24-Port 1G Ethernet Router/Switch

9024 Datasheet (HTML) - Enercon Technologies Europe AG


9024 Product details

FEATURES DESCRIPTION
Ethernet is becoming the standard for IP-based
components in military and commercial applications
on land, sea and air platforms.
The MILTECH9024 is specifically designed for
battlefield C4ISR, voice, video, sensor data acquisition
and communications in platforms that handle large
quantities of real-time data. With 24 triple-speed
(10/100/1000Mbps) ports, the MILTECH9024 is ideal
for mobile platforms and shipboard systems that deal
with high resolution video and other data-intensive
signaling.
The MILTECH9024 features both L2/L3 network
switching and routing capabilities, including virtual
LANS (VLANS), traffic prioritization/QoS, IPv4/IPv6
support, and bandwidth aggregation. It supports all the
latest networking protocols for redundancy, security,
multicast, and management.
The MILTECH9024 offers the best performance and
combination of size, weight, and power (SWaP) in the
industry, saving valuable real estate for devices that
make mobile platforms highly effective.
The MILTECH9024 is MIL-STD, fully managed, and
military grade. Its 1GE transmission speed and 24VDC
power make it instantly compatible with network
devices and power systems. An optional redundant
power connection adds to overall system survivability.
Developed for military and harsh ground applications, the
MILTECH9024’s mechanical packaging enhancements
are designed for MIL-STD-810G airborne and ground
environmental compliance and high reliability. The unit
has been especially hardened to improve ingress, impact,
and shock/vibration protection, as well as eliminate
all moving parts through the use of passive cooling.
D38999 circular connectors give the MILTECH9024
an IP67 rating.




Similar Part No. - 9024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9024 ETC2-9024 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9024 HEYCO-9024 Datasheet
152Kb / 2P
Snap Rivets
logo
TE Connectivity Ltd
90240-2 TEC-90240-2 Datasheet
111Kb / 4P
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Standex Electronics, In...
9024185400 STANDEX-9024185400 Datasheet
144Kb / 2P
REED RELAY 1 FORM A 24V TH
Version 6
logo
NTE Electronics
90243 NTE-90243 Datasheet
15Kb / 1P
1000V CERAMIC DISC
More results


Similar Description - 9024

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
Managed 24 Port 10/100 Mbps Ethernet Switch
logo
Red Lion Controls. Inc
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
logo
ORing Industrial Networ...
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
Industrial 24-port managed Gigabit Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
10-port managed Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
Industrial 24-port managed Ethernet switch
TES-3080-M12-BP2 ORING-TES-3080-M12-BP2 Datasheet
3Mb / 5P
8-port managed Ethernet switch
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
10-port managed Ethernet switch
TES-3162GT-M12-BP1 ORING-TES-3162GT-M12-BP1 Datasheet
3Mb / 5P
18-port managed Ethernet switch
TGPS-9168GT-M12 ORING-TGPS-9168GT-M12 Datasheet
4Mb / 6P
24-port managed Gigabit PoE Ethernet switch
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
24-port managed PoE Ethernet switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com