Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

904 Datasheet (PDF) - Enercon Technologies Europe AG

904 Datasheet PDF - Enercon Technologies Europe AG
Part # 904
Download  904 Download
File Size   623.26 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Compact, Portable Military Managed Gigabit Ethernet Switch

904 Datasheet (PDF)

Go To PDF Page Download Datasheet
904 Datasheet PDF - Enercon Technologies Europe AG

Part # 904
Download  904 Click to download

File Size   623.26 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Compact, Portable Military Managed Gigabit Ethernet Switch

904 Datasheet (HTML) - Enercon Technologies Europe AG


904 Product details

FEATURES
Driven by rapid advancement and lower costs, Ethernet is
becoming the standard for IP-based components in a wide
range of military and commercial applications, including:
• UAVs
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modern platforms contain dozens of network devices
that must be interconnected. The MILTECH904 is an ideal
solution for mobile Ethernet-equipped platforms. With
the best combination of size, weight, power and cost
(SWaP-C) in the industry, it saves valuable real estate
for computers, sensors, targeting systems, and other
devices that make mobile platforms highly effective.
The 904 is a MIL-STD, fully managed military grade
network switch offering 4 triple-speed (10/100/1000Mbps)
ports. It can be remotely managed to optimize
communications and prioritize critical information traffic.
Advanced network features, never before found in a
package of this size, include switching protocols, virtual
LANS (VLANS), traffic prioritization (QoS), and bandwidth
aggregation are standard.
The MILTECH904’s gigabit speeds and 24VDC power
make it instantly compatible with any network device
and power systems.
Its mechanical packaging enhancements, including
ruggedized SCE2 circular connectors, is designed for
MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
technology from Techaya, the MILTECH904
serves as a robust commercial off-the-shelf (COTS)
solution for rugged LAN connectivity.
switching technology, the MILTECH 904 serves as a robust
commercial off-the-shelf (COTS) solution for rugged
LAN connectivity.




Similar Part No. - 904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
904 ETC2-904 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
904 ETC2-904 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
904 ALPHAWIRE-904 Datasheet
169Kb / 3P
M12?륚 Die Cast Passive I/O Box
logo
Adafruit Industries
904 ADAFRUIT-904 Datasheet
238Kb / 2P
INA219 High Side DC Current Sensor Breakout - 26V ±3.2A Max
7/23/2015
logo
Keystone Electronics Co...
904 KEYSTONE-904 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
More results


Similar Description - 904

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
Network switch, managed, Gigabit Ethernet
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
2682360000 WEIDMULLER-2682360000 Datasheet
157Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com