Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

907 Datasheet (PDF) - Enercon Technologies Europe AG

907 Datasheet PDF - Enercon Technologies Europe AG
Part # 907
Download  907 Download
File Size   639.57 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Compact, Portable Military Managed Gigabit Ethernet Switch

907 Datasheet (PDF)

Go To PDF Page Download Datasheet
907 Datasheet PDF - Enercon Technologies Europe AG

Part # 907
Download  907 Click to download

File Size   639.57 Kbytes
Page   2 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Compact, Portable Military Managed Gigabit Ethernet Switch

907 Datasheet (HTML) - Enercon Technologies Europe AG


907 Product details

FEATURES
The MILTECH 907 is a MIL-STD, fully managed
military grade network switch offering 5 triple-speed
(10/100/1000Mbps) ports. It can be remotely managed to
optimize communications and prioritize critical information
traffic. Advanced network features, never before found in
a package of this size, include switching protocols, virtual
LANS (VLANS), traffic prioritization (QoS), and bandwidth
aggregation are standard. The MILTECH 907’s gigabit
speeds and 24VDC power make it instantly compatible
with network device and power systems.
The MILTECH 907 is widely used in battlefield
communications C4ISR, video, and sensor data acquisition,
and transmission. Its mechanical packaging enhancements,
including High Density D-Type 44 pin connector, is designed
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
switching technology, the MILTECH 907 serves as a robust
commercial off-the-shelf (COTS) solution for rugged
LAN connectivity, which can be used in a wide range of
military and commercial applications, including:
• UAVs
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modern platforms contain dozens of network devices
that must be interconnected. The MILTECH 907 is an
ideal solution for mobile Ethernet-equipped platforms.
With the best combination of size, weight, power and
cost (SWaP-C) in the industry, it saves valuable real
estate for computers, sensors, targeting systems,
and other devices that make mobile platforms highly
effective.




Similar Part No. - 907

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
907 ETC2-907 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
907 ETC2-907 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Anderson Power Products...
907 APP-907 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
907 APP-907 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Keystone Electronics Co...
907 KEYSTONE-907 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
More results


Similar Description - 907

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
Network switch, managed, Gigabit Ethernet
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
2682360000 WEIDMULLER-2682360000 Datasheet
157Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com