Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9124 Datasheet (PDF) - Enercon Technologies Europe AG

9124 Datasheet PDF - Enercon Technologies Europe AG
Part # 9124
Download  9124 Download
File Size   746.86 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description PCB level Ethernet Switch, 1GE Managed 24-Port Ethernet Router/Switch

9124 Datasheet (PDF)

Go To PDF Page Download Datasheet
9124 Datasheet PDF - Enercon Technologies Europe AG

Part # 9124
Download  9124 Click to download

File Size   746.86 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description PCB level Ethernet Switch, 1GE Managed 24-Port Ethernet Router/Switch

9124 Datasheet (HTML) - Enercon Technologies Europe AG


9124 Product details

FEATURES DESCRIPTION
The MILTECH 9124 is specifically designed for
battlefield C4ISR, voice, video, sensor data acquisition,
and communications in platforms that handle large
quantities of real-time data. With 24 triple-speed
10/100/1000Mbps) ports, the MILTECH 9124 is ideal for
mobile platforms, shipboard systems, ground, avionic,
and UAV that deal with high resolution video and other
data-intensive signaling.
The MILTECH 9124 features both L2/L3 network
switching and routing capabilities, including virtual LANS
VLANS), traffic prioritization/QoS, IPv4/IPv6 support,
dynamic routing and bandwidth aggregation. It supports
all the latest networking protocols for redundancy,
security, multicast, and management.
The MILTECH 9124 offers the best performance and
combination of size, weight, and power (SWaP) in the
industry, saving valuable real estate for devices that
make mobile platforms highly effective.
Its 1GE transmission speeds and 3.3VDC power make
it instantly compatible with network devices and power
systems.
With conformal coating and board-to-board connectors,
it is plug-in ready for any rugged or military-grade
communications platform housing. By using the
MILTECH 9124 PCB level solution the customer can
reduce size and weight of his overall unit.
The MILTECH 9124 PCB will withstand working
temperatures of -40°C to +85°C and will comply with
MIL-STD-810 & MIL-STD461 (when incorporated in
a suitable enclosure).




Similar Part No. - 9124

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9124 BK-9124 Datasheet
800Kb / 3P
Programmable DC Power Supplies
logo
Leach International Cor...
9124 LEACH-9124 Datasheet
613Kb / 6P
CONTACTOR 3 PST, 50 AMP
logo
Cisco Systems, Inc.
9124 CISCO-9124 Datasheet
2Mb / 23P
Cisco Catalyst 9124AX Series Access Points
2023
logo
MRV Communications, Inc...
9124-410G MRV-9124-410G Datasheet
2Mb / 4P
CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
logo
Altech corporation
91240 ALTECH-91240 Datasheet
221Kb / 4P
KU4000 Enclosure Series
More results


Similar Description - 9124

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
Managed 24 Port 10/100 Mbps Ethernet Switch
logo
ORing Industrial Networ...
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
Industrial 24-port managed Gigabit Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
10-port managed Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
Industrial 24-port managed Ethernet switch
TES-3080-M12-BP2 ORING-TES-3080-M12-BP2 Datasheet
3Mb / 5P
8-port managed Ethernet switch
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
10-port managed Ethernet switch
TES-3162GT-M12-BP1 ORING-TES-3162GT-M12-BP1 Datasheet
3Mb / 5P
18-port managed Ethernet switch
TGPS-9168GT-M12 ORING-TGPS-9168GT-M12 Datasheet
4Mb / 6P
24-port managed Gigabit PoE Ethernet switch
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
24-port managed PoE Ethernet switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com