Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9132 Datasheet (PDF) - Enercon Technologies Europe AG

9132 Datasheet PDF - Enercon Technologies Europe AG
Part # 9132
Download  9132 Download
File Size   901.69 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Managed Military Grade Embedded Ethernet Switch - 28 x 10/100/1000TX Ports 2 x Gigabit (SGMII) 2 x 10Gigabit (SFI) Fiber Ports

9132 Datasheet (PDF)

Go To PDF Page Download Datasheet
9132 Datasheet PDF - Enercon Technologies Europe AG

Part # 9132
Download  9132 Click to download

File Size   901.69 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Managed Military Grade Embedded Ethernet Switch - 28 x 10/100/1000TX Ports 2 x Gigabit (SGMII) 2 x 10Gigabit (SFI) Fiber Ports

9132 Datasheet (HTML) - Enercon Technologies Europe AG


9132 Product details

FEATURES
The MILTECH 9132 is specifically designed for complex
traffic applications featuring IEEE-1588 Capabilities suitable
for rugged military mobile tactical platforms, which require
network centric interfaces.
With 28 triple-speed (10/100/1000Mbps) ports (with
magnetics) + 2 Interfaces SGMII + 2 interfaces 10G fiber SFI
the MILTECH 9132 features both L2/L3 network switching and
static routing capabilities, including virtual LANS (VLANS),
traffic prioritization/ QoS, IPv4/IPv6 support, and bandwidth
aggregation. It supports all the latest networking protocols
for redundancy, security, multicast, and management.
With the industry’s smallest footprint, the MILTECH 9126
measures only 185x95mm to offer performance and
combination of size, weight, and power (SWaP) in the industry,
saving valuable real estate for devices that makes mobile
platforms highly effective.
Conformally coated and with board-to-board connectors, it can
easily be integrated as a module-based network building block
in any military-grade communications platform. The MILTECH
9132 board level communication solution will withstand
working temperatures of -45°C to +85°C and will comply
with MIL-STD-810 & MIL STD461 (when incorporated in a
suitable enclosure).




Similar Part No. - 9132

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
9132-50 ASM-SENSOR-9132-50 Datasheet
164Kb / 1P
For power line current value measurement
logo
Tyco Electronics
91320--1 MACOM-91320--1 Datasheet
87Kb / 3P
Backplane Receptacle Connector Assemblies
91320--2 MACOM-91320--2 Datasheet
87Kb / 3P
Backplane Receptacle Connector Assemblies
91320--3 MACOM-91320--3 Datasheet
87Kb / 3P
Backplane Receptacle Connector Assemblies
logo
Molex Electronics Ltd.
91322-0003 MOLEX11-91322-0003 Datasheet
134Kb / 3P
2.54mm (.100") Pitch Smart Card Connector, 16 Circuits, Through Hole, Locating Pegs, Press-fit Pegs
More results


Similar Description - 9132

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-6250_1206 ADVANTECH-MIO-6250_1206 Datasheet
880Kb / 1P
3 x 10/100 Mbps with Bypass Ethernet Ports
logo
Axiomtek Co., Ltd.
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
2 Gigabit Ethernet ports and 2 USB 2.0 ports
logo
Level One
GEL-1061 LVL1-GEL-1061 Datasheet
173Kb / 4P
10-Port L2 Managed Gigabit Switch, 2 x SFP
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
GTL-2060 LVL1-GTL-2060 Datasheet
212Kb / 4P
20-Port L2 Managed Gigabit Ethernet Switch, 12 Ports SFP Plus 10-Gigabit, 8 ports Gigabit Ethernet
GTL-2660 LVL1-GTL-2660 Datasheet
213Kb / 4P
26-Port L2 Managed Gigabit Ethernet Fiber Switch, 24 Ports SFP/4 Ports RJ45 Combo, 2 Ports SFP Plus 10-Gigabit Ethernet
GTL-2890 LVL1-GTL-2890 Datasheet
235Kb / 4P
28-Port L3 Managed Gigabit Ethernet Switch, 4 x SFPplus 10-Gigabit
logo
Advantech Co., Ltd.
MIO-6250 ADVANTECH-MIO-6250_V01 Datasheet
252Kb / 1P
3 x 10/100 Mbps with Bypass Ethernet Ports
15-Jan-2014
logo
Weidmuller
7760048032 WEIDMULLER-7760048032 Datasheet
56Kb / 3P
6 * RJ45 10/100/1000BaseT(X), 2 * combo-ports
November 4, 2021
logo
Advantech Co., Ltd.
EKI-9528 ADVANTECH-EKI-9528 Datasheet
771Kb / 2P
EN 50155 28-port Managed Ethernet Switch with 24 x PoE Ports
12-Apr-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com