Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9136 Datasheet (PDF) - Enercon Technologies Europe AG

9136 Datasheet PDF - Enercon Technologies Europe AG
Part # 9136
Download  9136 Download
File Size   681.94 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Managed Military Grade Embedded Ethernet Switch up to 52 ports

9136 Datasheet (PDF)

Go To PDF Page Download Datasheet
9136 Datasheet PDF - Enercon Technologies Europe AG

Part # 9136
Download  9136 Click to download

File Size   681.94 Kbytes
Page   3 Pages
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG
Description Managed Military Grade Embedded Ethernet Switch up to 52 ports

9136 Datasheet (HTML) - Enercon Technologies Europe AG


9136 Product details

FEATURES DESCRIPTION
The MILTECH 9136 is specifically designed for complex
traffic applications featuring IEEE-1588 Capabilities
and Synchronous Ethernet (SyncE), suitable for rugged
military mobile tactical platforms, which require network
centric interfaces.
With 24 triple-speed (10/100/1000Mbps) ports + 8
Interfaces SGMII + 4 QSGMII interfaces + 4 ports 10G, the
MILTECH 9136 features both L2/L3 network switching
and static routing capabilities, including virtual LANS
(VLANS), traffic prioritization/QoS, IPv4/IPv6 support,
and bandwidth aggregation. It supports all the latest
networking protocols for redundancy, security, multicast,
and management.With the industry’s smallest footprint,
the MILTECH 9136 measures only 87x87mm to offer
performance and combination of size, weight, and
power (SWaP) in the industry, saving valuable real
estate for devices that makes mobile platforms highly
effective. Its 10GE transmission speeds and 12VDC
power make it compatible with network devices and
power systems.
Conformally coated and with board-to-board connectors,
it can easily be integrated as a module-based network
building block in any military-grade communications
platform. The MILTECH 9136 board level communication
solution will withstand working temperatures of -40°C
to +85°C and will comply with MIL-STD-810 & MILSTD461
(when incorporated in a suitable enclosure).




Similar Part No. - 9136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9136 ETC2-9136 Datasheet
144Kb / 1P
ACCEPTS 8-PIN S.O.I.C FOR GENERAL PURPOSE PROTOTYPE AND DEVELOPMENT
logo
TE Connectivity Ltd
91362-3 TEC-91362-3 Datasheet
127Kb / 3P
Solder Assembly Kit
logo
Tyco Electronics
91363-1 MACOM-91363-1 Datasheet
247Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
91363-2 MACOM-91363-2 Datasheet
247Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
91367-1 MACOM-91367-1 Datasheet
237Kb / 5P
PRO?밅RIMPER III Hand Crimping Tool
More results


Similar Description - 9136

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
Managed Industrial Ethernet Switch
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
Managed Industrial Ethernet Switch
7010TX REDLION-7010TX Datasheet
804Kb / 3P
Managed Industrial Ethernet Switch
716FX2 REDLION-716FX2 Datasheet
607Kb / 3P
Managed Industrial Ethernet Switch
714FX6 REDLION-714FX6 Datasheet
426Kb / 3P
Managed Industrial Ethernet Switch
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
logo
Moxa Inc.
EOM-104 MOXA-EOM-104 Datasheet
612Kb / 3P
4-port embedded managed Ethernet switch modules
logo
Schneider Electric
TCSESM083F23F0 SCHNEIDER-TCSESM083F23F0 Datasheet
115Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
logo
Advantech Co., Ltd.
EKI-9512 ADVANTECH-EKI-9512 Datasheet
738Kb / 2P
EN 50155 12-Port Managed Ethernet Switch with up to 8x PoE Ports
10-Aug-2020
EKI-9516 ADVANTECH-EKI-9516 Datasheet
551Kb / 2P
EN 50155 16-Port Managed Ethernet Switch with up to 12 x PoE Ports
28-Oct-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com