Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4035001 Datasheet (PDF) - Turck, Inc.

4035001 Datasheet PDF - Turck, Inc.
Part # 4035001
Download  4035001 Download
File Size   367.02 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Extended Temperature Range

4035001 Datasheet (PDF)

Go To PDF Page Download Datasheet
4035001 Datasheet PDF - Turck, Inc.

Part # 4035001
Download  4035001 Click to download

File Size   367.02 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inductive Sensor – With Extended Temperature Range

4035001 Datasheet (HTML) - Turck, Inc.


4035001 Product details

Features
■Threaded barrel, M18 x 1
■Plastic, PA12‐GF30-V0
■Temperatures up to -40 °C
■DC 2-wire, nom. 8.2 VDC
■Output acc. to DIN EN 60947-5-6 (NAMUR)
■Cable connection
■ATEX category II 2 G, Ex Zone 1
■ATEX category II 1 D, Ex Zone 20 for
temperatures up to -25°C
■SIL 2 (Low Demand Mode) acc. to IEC
61508, PL c acc. to ISO 13849-1 at HFT0
■SIL 3 (All Demand Mode) acc. to IEC 61508,
PL e acc. to ISO 13849-1 with redundant
configuration HTF1
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. The sensors
hosting a ferrite core coil generate the AC field
through an LC resonant circuit.
Special versions are available for ambient
temperatures between ‐60°C and +250°C.




Similar Part No. - 4035001

ManufacturerPart #DatasheetDescription
logo
C&K Components
403500000 CK-COMPONENTS-403500000 Datasheet
381Kb / 8P
3 Series Thumbwheel Switches
logo
ITT Industries
403500000 ITT-403500000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results


Similar Description - 4035001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CDEUL MACOM-CDEUL Datasheet
274Kb / 2P
Extended Range Buffer Networks (Inductive Input)
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
Inductive sensor With extended temperature range
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
Extended temperature range
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
Extended temperature range
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com