| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
8502SCT1V03
|
166Kb / 2P |
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 3 HP at 230 VAC, 1 phase, 2 pole, 240VAC coil, NEMA 7/9
Dec 11, 2020 |
|
3104140042
|
132Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 110/120VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
3104140051
|
114Kb / 2P |
NEMA Motor Starter, Type S, replacement coil, 220/240VAC 50/60Hz, NEMA Size 00, 0 and 1 starters and 8903SM lighting
May 19, 2022 |
|
8536SCH3V08C
|
131Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP nonreversing, Size 1, 27A, 10 HP 3 pole, melting alloy, 208 VAC coil, NEMA 3R
Jul 21, 2022 |
|
8539SCG44V81CFF4P1TX11
|
109Kb / 2P |
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 1
Oct 5, 2023 |
|
8539SCG44V81CFF4P1T
|
108Kb / 2P |
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 1
Oct 11, 2023 |
|
8539SCG44V84CFF4H30P1T
|
107Kb / 2P |
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 1
Oct 11, 2023 |
|
8539SCG7V06
|
105Kb / 2P |
NEMA Combination Starter, Type S, 30A HHL thermal magnetic circuit breaker, Size 1, 27A, 3 phase, 480 VAC coil, NEMA 1
Oct 11, 2023 |
|
8539SCG8V07
|
104Kb / 2P |
NEMA Combination Starter, Type S, 30A HHL thermal magnetic circuit breaker, Size 1, 27A, 3 phase, 600 VAC coil, NEMA 1
Oct 11, 2023 |
|
8539SCG44S8V03
|
66Kb / 3P |
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 240 VAC coil, NEMA 1
Jan 10, 2024 |
|