Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC51 Datasheet (PDF) - Endress+Hauser Group Services AG

PMC51 Datasheet PDF - Endress+Hauser Group Services AG
Part # PMC51
Download  PMC51 Download
File Size   141.04 Kbytes
Page   7 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Absolute and gauge pressure Cerabar PMC51

PMC51 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMC51 Datasheet PDF - Endress+Hauser Group Services AG

Part # PMC51
Download  PMC51 Click to download

File Size   141.04 Kbytes
Page   7 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Absolute and gauge pressure Cerabar PMC51

PMC51 Datasheet (HTML) - Endress+Hauser Group Services AG


PMC51 Product details

Features and specifications
Measuring principle
Absolute and gauge pressure
Characteristic
Smart and reliable pressure transmitter with capacitive measuring cell
and ceramic process isolating diaphragm Ceraphire)
Supply voltage
4...20 mA HART
11,5...45V DC (Non Ex):
Ex ia: 11,5...30V DC
PROFIBUS PA:
9...32 V DC (Non Ex)
FOUNDATION Fieldbus:
9...32 V DC (Non Ex)
Reference Accuracy
Standard 0.1%
Platinum 0.075%
Long term stability
0.2% of URL/ year
0.4% of URL/ 5 years
0.5% of URL/ 10 years
Process temperature
40°C...+130°C
(-40°F...+266°F
150°C for 1h
(+302°F for 1h)
Ambient temperature
40°C...+85°C
(-40°F...+185°F)




Similar Part No. - PMC51

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PMC520 PMC-PMC520 Datasheet
78Kb / 1P
PMC520 Octal Serial 232 Communication
PMC520-64 PMC-PMC520-64 Datasheet
78Kb / 1P
PMC520 Octal Serial 232 Communication
PMC520-64E PMC-PMC520-64E Datasheet
78Kb / 1P
PMC520 Octal Serial 232 Communication
PMC520-64R PMC-PMC520-64R Datasheet
78Kb / 1P
PMC520 Octal Serial 232 Communication
PMC520-64RE PMC-PMC520-64RE Datasheet
78Kb / 1P
PMC520 Octal Serial 232 Communication
More results


Similar Description - PMC51

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTCM-3KPSIG-D RALSTON-QTCM-3KPSIG-D Datasheet
373Kb / 1P
pressure gauge and hoses
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807_12 Datasheet
210Kb / 7P
Integrated Relative and Absolute Pressure Sensors
logo
NXP Semiconductors
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com