Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28123A Datasheet (PDF) - Belden Inc.

28123A Datasheet PDF - Belden Inc.
Part # 28123A
Download  28123A Download
File Size   157.39 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 16 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

28123A Datasheet (PDF)

Go To PDF Page Download Datasheet
28123A Datasheet PDF - Belden Inc.

Part # 28123A
Download  28123A Click to download

File Size   157.39 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 16 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

28123A Datasheet (HTML) - Belden Inc.


28123A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 16 Conductor 12AWG (7x20) Bare Copper, PVC-NYL Insulation E2 Color Code, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 28123A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28123AS BELDEN-28123AS Datasheet
143Kb / 3P
TC VN/PVC, 16 C #12 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
01-10-2024
28123AS-0105000 BELDEN-28123AS-0105000 Datasheet
143Kb / 3P
TC VN/PVC, 16 C #12 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
01-10-2024
More results


Similar Description - 28123A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28090A BELDEN-28090A Datasheet
211Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28094A BELDEN-28094A Datasheet
157Kb / 2P
TC VN/PVC, 16 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28113A BELDEN-28113A Datasheet
157Kb / 2P
TC VN/PVC, 6 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28329A BELDEN-28329A Datasheet
158Kb / 2P
TC VN/PVC, 12 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28330A BELDEN-28330A Datasheet
158Kb / 2P
TC VN/PVC, 16 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28137A BELDEN-28137A Datasheet
157Kb / 2P
TC VN/PVC, 30 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
28615A BELDEN-28615A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28114A BELDEN-28114A Datasheet
157Kb / 2P
TC VN/PVC, 7 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28627A BELDEN-28627A Datasheet
158Kb / 2P
TC VN/PVC, 37 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28323A BELDEN-28323A Datasheet
198Kb / 2P
TC VN/PVC, 7 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com