Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6268B Datasheet (PDF) - ATMEL Corporation

U6268B Datasheet PDF - ATMEL Corporation
Part # U6268B
Download  U6268B Download
File Size   297.63 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Side-airbag Sensor Dual Interface

U6268B Datasheet (PDF)

Go To PDF Page Download Datasheet
U6268B Datasheet PDF - ATMEL Corporation

Part # U6268B
Download  U6268B Click to download

File Size   297.63 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Side-airbag Sensor Dual Interface

U6268B Datasheet (HTML) - ATMEL Corporation


U6268B Product details

Description
The U6268B is an interface IC for remote automotive sensors. It links the crash sensors in the driver and passenger door with the main airbag unit in the dashboard. Two identical channels supply the external sensors and receive digital information from them via one active wire each. The interface supplies the external sensors with a preregulated smoothed voltage, the external units transmit the digital information back to the interface by current modulation.

Features
• Two Identical Interface Channels
• Pre-regulated Smoothed Voltage and a Supply Current up to 50 mA for the Sensors
• Data from the Sensors by Current Modulation with a Transmission Rate of 60 kBaud (Transmission Bandwidth 500 kHz)
• TTL-compatible Input Activates the Sensor
• Data Output Can be Directly Connected to a Microcontroller Input
• Operation Supply Voltage Range 5.7V ≤ VS ≤ 40V
• ESD Protection According to MIL-STD-883C Test Method 3015.7
• High-level EMI Protection

Benefits
• Simple Wiring Thanks to One Common Line for Supply of the Sensor and Data Transmission from the Sensor to the U6268B
• Current Modulation Provides High Noise Immunity for Data Transfer




Similar Part No. - U6268B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6268B TEMIC-U6268B Datasheet
178Kb / 12P
Side-Airbag Sensor Dual Interface
More results


Similar Description - U6268B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9040 NSC-LM9040 Datasheet
178Kb / 10P
Dual Lambda Sensor Interface Amplifier
logo
TEMIC Semiconductors
U6268B TEMIC-U6268B Datasheet
178Kb / 12P
Side-Airbag Sensor Dual Interface
logo
ON Semiconductor
CS2082 ONSEMI-CS2082 Datasheet
91Kb / 12P
Dual Airbag Deployment ASIC
July, 2001 ??Rev. 7
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
Airbag Power Supply IC
logo
IC-Haus GmbH
IC-DI ICHAUS-IC-DI Datasheet
55Kb / 15P
DUAL SENSOR INTERFACE
logo
Freescale Semiconductor...
MC33789 FREESCALE-MC33789 Datasheet
3Mb / 80P
Airbag System Basis Chip (SBC) with Power Supply and PSI5 Sensor Interface
MC33789FS FREESCALE-MC33789FS Datasheet
186Kb / 2P
Airbag system basis chip (SBC) with power supply and PSI5 sensor interface
logo
ON Semiconductor
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com