Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C11 Datasheet (PDF) - ATMEL Corporation

AT24C11 Datasheet PDF - ATMEL Corporation
Part # AT24C11
Download  AT24C11 Download
File Size   392.0 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Automotive Temperature Serial EEPROM

AT24C11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C11 Datasheet PDF - ATMEL Corporation

Part # AT24C11
Download  AT24C11 Click to download

File Size   392.0 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Automotive Temperature Serial EEPROM

AT24C11 Datasheet (HTML) - ATMEL Corporation


AT24C11 Product details

Description

The AT24C11 provides 1024 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 128 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT24C11 is available in space saving 8-lead PDIP, 8-lead JEDEC SOIC, 5-lead SOT23 and 8-lead TSSOP packages and is accessed via a two-wire serial interface. In addition, the entire family is available in 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 5.5V) versions.



Features

• Low Voltage and Standard Voltage Operation

   – 2.7 (VCC = 2.7V to 5.5V)

   – 1.8 (VCC = 1.8V to 5.5V)

• Internally Organized 128 x 8

• Two-wire Serial Interface

• Bidirectional Data Transfer Protocol

• 400 kHz (1.8V) and 1 MHz (2.5V, 2.7V, 5V) Compatibility

• 4-Byte Page Write Mode

• Self-Timed Write Cycle (5 ms max)

• High Reliability

   – Endurance: 1 Million Write Cycles

   – Data Retention: 100 Years

• Automotive Grade, Extended Temperature and Lead-Free/Halogen-Free Devices Available

• 8-lead PDIP, 8-lead JEDEC SOIC, 5-lead SOT23 and 8-lead TSSOP Packages

• Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers

• Access to One Additional Page Upon Request



 




Similar Part No. - AT24C11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C11-10PU-1.8 ATMEL-AT24C11-10PU-1.8 Datasheet
503Kb / 15P
Two-wire Serial EEPROM
AT24C11 ATMEL-AT24C11_14 Datasheet
503Kb / 13P
Low Voltage and Standard Voltage Operation
AT24C11 ATMEL-AT24C11_14 Datasheet
540Kb / 13P
Automotive Grade and Lead-Free/Halogen-Free Devices Available
More results


Similar Description - AT24C11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
Two-wire Serial EEPROM Extended Temperature
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
Two-wire Automotive Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
Two-wire Automotive Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
2-Wire Automotive Temperature Serial EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com