Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1713875 Datasheet (PDF) - PHOENIX CONTACT

1713875 Datasheet PDF - PHOENIX CONTACT
Part # 1713875
Download  1713875 Download
File Size   324.94 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5/10-9,5 - PCB terminal block

1713875 Datasheet (PDF)

Go To PDF Page Download Datasheet
1713875 Datasheet PDF - PHOENIX CONTACT

Part # 1713875
Download  1713875 Click to download

File Size   324.94 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 5/10-9,5 - PCB terminal block

1713875 Datasheet (HTML) - PHOENIX CONTACT


1713875 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 1000 V, nominal cross section: 4
mm2, number of potentials: 10, number of rows: 1, number of positions per row: 10, product
range: MKDS 5, pitch: 9.52 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1713875

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1713870000 WEIDMULLER-1713870000 Datasheet
742Kb / 22P
Cable glands
logo
PHOENIX CONTACT
1713871 PHOENIX-1713871 Datasheet
79Kb / 4P
Printed-circuit board connector - TVFKC 1,5/ 6-ST
More results


Similar Description - 1713875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1710755 PHOENIX-1710755 Datasheet
56Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 GY
1713888 PHOENIX-1713888 Datasheet
60Kb / 5P
PCB terminal block - MKDS 5/10-6,35
1718401 PHOENIX-1718401 Datasheet
57Kb / 5P
PCB terminal block - MKDS 5/ 3-9,5 (13)
1719015 PHOENIX-1719015 Datasheet
81Kb / 5P
PCB terminal block - MKKDS 5/ 2-9,5
1720020 PHOENIX-1720020 Datasheet
82Kb / 5P
PCB terminal block - SMKDS 5/ 3-9,5
1870226 PHOENIX-1870226 Datasheet
55Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 A0 BK
1934858 PHOENIX-1934858 Datasheet
56Kb / 4P
PCB terminal block - MKDS 5/ 3-9,5 Z1L
1937813 PHOENIX-1937813 Datasheet
54Kb / 4P
PCB terminal block - MKDS 5/ 9-9,5 BG BD:NZ /-SCHR
1714926 PHOENIX-1714926 Datasheet
112Kb / 4P
PCB terminal block - MKDS 5/ 2-9,5 BK
11/04/2018
1713859 PHOENIX-1713859 Datasheet
330Kb / 10P
MKDS 5/11-9,5 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com